Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3524 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3524
Description  Adjustable TFT Bias Supply with WLED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3524 Datasheet(HTML) 3 Page - Linear Technology

  LTC3524 Datasheet HTML 1Page - Linear Technology LTC3524 Datasheet HTML 2Page - Linear Technology LTC3524 Datasheet HTML 3Page - Linear Technology LTC3524 Datasheet HTML 4Page - Linear Technology LTC3524 Datasheet HTML 5Page - Linear Technology LTC3524 Datasheet HTML 6Page - Linear Technology LTC3524 Datasheet HTML 7Page - Linear Technology LTC3524 Datasheet HTML 8Page - Linear Technology LTC3524 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3524
3
3524f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3524E is guaranteed to meet specifications from 0°C to
85°C. Specifications over the –40°C to 85°C operating temperature range
are assured by design, characterization, and statistical process controls.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch Current Limit
100
150
mA
Charge Pumps
V2x Output Voltage
Load on V2x = 250μA
10
V
Output Impedance V2x
Flying Capacitors = 0.1μF
250
Ω
V2x Maximum Operating Voltage
(Note 3)
12
V
VH Output Voltage (Quadrupler)
Load = 250μA (FBH = 1V)
20
V
Output Impedance (2X + Quadrupler)
Flying Capacitors = 0.1μF
1200
Ω
FBH Regulation Voltage
1.15
1.225
1.30
V
VH Maximum Operating Voltage
(Note 3)
20
VN Output Voltage
Load on VN = 250μA, VNIN = 10.2V, External Schottkys
–9.7
V
FBN Regulation Voltage
0.94
1
1.06
V
Output Impedance VN (2X + VN)
Flying Capacitor = 0.1μF
650
Ω
VN Minimum Operating Voltage
(Note 3)
–20
V
Switching Frequency Charge Pumps
94
KHz
V2x to VN Delay
(Note 4)
2
ms
VN to VH Delay
(Note 4)
2
ms
LED Boost
LED1,2 Current Accuracy
RPROG = 100k
18
20
22
mA
SW2 Maximum Current Limit
500
700
mA
SW2 VCESAT
ISW = 350mA
350
mV
Logic Inputs
ELED1, ELED2 , ELCD Thresholds
0.4
0.8
1.2
V
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 3.6V, VOUT = 5.1V, TA = 25°C, unless otherwise noted.
Note 3: Specification is guaranteed by design and not 100% tested in
production.
Note 4: Measured from point at which VN crosses –VOUT to point at which
CH+ starts switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com