Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3524 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3524
Description  Adjustable TFT Bias Supply with WLED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3524 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3524 Datasheet HTML 4Page - Linear Technology LTC3524 Datasheet HTML 5Page - Linear Technology LTC3524 Datasheet HTML 6Page - Linear Technology LTC3524 Datasheet HTML 7Page - Linear Technology LTC3524 Datasheet HTML 8Page - Linear Technology LTC3524 Datasheet HTML 9Page - Linear Technology LTC3524 Datasheet HTML 10Page - Linear Technology LTC3524 Datasheet HTML 11Page - Linear Technology LTC3524 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3524
8
3524f
BLOCK DIAGRAM
4.7
μH
10
μH
VOUT
ANALOG DIMMING
ENABLE/PULSE DIM LED2 STRING
ENABLE/PULSE DIM LED1 STRING
LCD BIAS ENABLE
V2x
10
μF
R2
324k
SHDN
VLED
SW1
VOUT
VOUT
FBVO
FBH
1.225V
1.225V
C2+
C2–
CH+
CH–
VH
V2x
VIN
SW2
R1
1M
+5V
2.5V TO 6V
4
5
2
21
20
LED1
19
LED2
18
PROG
23
ELED2
22
ELED1
24
ELCD
1
VNIN
9
CN+
10
NC
11
VN
12
FBN
SHDN
+10V
8
3
7
6
16
17
R4
220k
10
μF
SHDN
OUT
IN
REGULATED
CHARGE
PUMP
QUADRUPLER
SHDN
R3
2M
+12.5V
R5
470k
R6
1M
–7.5V
1V
15
14
13
GND,
EXPOSED PAD
25
OUT
IN
REGULATED
CHARGE
PUMP
INVERTER
OUT
IN
CHARGE
PUMP
DOUBLER
CHARGE
PUMP
SEQUENCER
SHUTDOWN WHEN
ELCD = ELED1= ELED2 = 0V
HIGH
VOLTAGE
PWM BOOST
CONVERTER
RPROG
OSCILLATOR
CONTROL
SYNCHRONOUS
PWM BOOST
CONVERTER
VBEST
STRING ENABLE
LED CURRENT
SHARING
OVP
3524 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com