Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3524 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3524
Description  Adjustable TFT Bias Supply with WLED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3524 Datasheet(HTML) 4 Page - Linear Technology

  LTC3524 Datasheet HTML 1Page - Linear Technology LTC3524 Datasheet HTML 2Page - Linear Technology LTC3524 Datasheet HTML 3Page - Linear Technology LTC3524 Datasheet HTML 4Page - Linear Technology LTC3524 Datasheet HTML 5Page - Linear Technology LTC3524 Datasheet HTML 6Page - Linear Technology LTC3524 Datasheet HTML 7Page - Linear Technology LTC3524 Datasheet HTML 8Page - Linear Technology LTC3524 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3524
4
3524f
TEMPERATURE (
°C)
–40
5.5
6.0
6.5
35
85
5.0
4.5
4.0
–15
10
60
7.0
7.5
8.0
3524 G10
|VN|
VH/2
VOUT
VN = 0mA
VN = 2mA
VH LOAD CURRENT (mA)
0
18
19
17
16
0.5
1
1.5
2
20
3524 G07
VN = 1mA
VN LOAD CURRENT (mA)
0
7.0
7.5
8.0
8.5
9.0
9.5
10.0
0.5
1
1.5
2
3524 G09
VH = 0mA
VH = 2mA
VH = 1mA
VIN (V)
2.5
19.5
20.0
20.5
4
5
19.0
18.5
18.0
3
3.5
4.5
21.0
21.5
22.0
3524 G05
5 LEDs
4 LEDs
3 LEDs
2 LEDs
PER STRING:
V2X LOAD CURRENT (mA)
0
3
5
9.5
9.0
8.5
12
4
10.0
3524 G06
VOUT CURRENT (mA)
010
50
70
100
20
40
50
60
90
80
30
60
70
3524 G01
VIN = 5
VIN = 4.2
VIN = 3.6
VIN = 3.1
VIN = 2.5
L = 10
μH
VOUT = 5V
VIN (V)
2.5
75
80
4.5
70
65
3
3.5
4
5
85
3524 G02
5 LEDs
4 LEDs
3 LEDs
2 LEDs
PER STRING:
L = 4.7
μH
LED CURRENT (mA)
5
55
60
65
70
75
80
85
10
15
20
25
3524 G03
VIN =5
VIN = 4.2
VIN = 3.6
VIN = 3.1
VIN = 2.5
L = 4.7
μH
VIN (V)
2.5
19.5
20.0
20.5
4
5
19.0
18.5
18.0
3
3.5
4.5
21.0
21.5
22.0
3524 G04
5 LEDs
4 LEDs
3 LEDs
2 LEDs
PER STRING:
TYPICAL PERFORMANCE CHARACTERISTICS
LCD Boost Efficiency
vs Load Current
LED Efficiency vs VIN
4 LEDs per String Efficiency
vs VIN and LED Current
LED1 String Current vs VIN
and Number of LEDs
LED2 String Current
vs VIN and Number of LEDs
V2X Output Voltage
vs V2X Load Current
VH Voltage vs VH and
VN Load Current (FBH = 0V)
VN Voltage vs VN and
VH Load Current (FBN = 1.3V)
VOUT, |VN|, and VH/2
Regulation Overtemperature
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com