Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3524 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3524
Description  Adjustable TFT Bias Supply with WLED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3524 Datasheet(HTML) 5 Page - Linear Technology

  LTC3524 Datasheet HTML 1Page - Linear Technology LTC3524 Datasheet HTML 2Page - Linear Technology LTC3524 Datasheet HTML 3Page - Linear Technology LTC3524 Datasheet HTML 4Page - Linear Technology LTC3524 Datasheet HTML 5Page - Linear Technology LTC3524 Datasheet HTML 6Page - Linear Technology LTC3524 Datasheet HTML 7Page - Linear Technology LTC3524 Datasheet HTML 8Page - Linear Technology LTC3524 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3524
5
3524f
TYPICAL PERFORMANCE CHARACTERISTICS
LCD Bias Sequencing
LCD Bias Sequencing
SW1 Voltage and 10μH Inductor
Current at 25mA Load
SW1 Voltage and 10μH Inductor
Current at 5mA Load
SW2 Voltage and 4.7μH Inductor
Current at 20mA
LED Initial Start-Up Waveforms
LED Burst Dimming Waveforms
LED1 and SW2
LED Burst Dimming Waveforms
LED2 and VLED
5ms/DIV
3524 G11
VH
VN
VOUT
V2X
5V/DIV
5ms/DIV
3524 G12
VH
VN
VOUT
ILCD BOOST INDUCTOR CURRENT
5V/DIV
200mA/DIV
200ns/DIV
3524 G13
ILCD BOOST
INDUCTOR
CURRENT
50mA/DIV
SW1
2V/DIV
3524 G14
200ns/DIV
ILCD BOOST
INDUCTOR
CURRENT
50mA/DIV
SW1
2V/DIV
3524 G15
200ns/DIV
ILCD BOOST
INDUCTOR
CURRENT
200mA/DIV
SW2
200mV/DIV
SW2
5V/DIV
50
μs/DIV
3524 G16
ILED BOOST
INDUCTOR
CURRENT
VLED
LED2
LED1
5V/DIV
500mV/DIV
500
μs/DIV
3524 G17
ILED BOOST
INDUCTOR
ELED1 AND
ELED2
LED1
SW2
10V/DIV
10V/DIV
12V
200mA/DIV
5V/DIV
3524 G18
ILED BOOST
INDUCTOR
ELED1 AND
ELED2
VLED
LED2
500
μs/DIV
10V/DIV
10V/DIV
12.5V
12V
200mA/DIV
5V/DIV
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com