Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3705IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3705IGN
Description  2-Switch Forward Controller and Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3705IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC3705IGN Datasheet HTML 1Page - Linear Technology LTC3705IGN Datasheet HTML 2Page - Linear Technology LTC3705IGN Datasheet HTML 3Page - Linear Technology LTC3705IGN Datasheet HTML 4Page - Linear Technology LTC3705IGN Datasheet HTML 5Page - Linear Technology LTC3705IGN Datasheet HTML 6Page - Linear Technology LTC3705IGN Datasheet HTML 7Page - Linear Technology LTC3705IGN Datasheet HTML 8Page - Linear Technology LTC3705IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3705
1
3705fb
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
■ Isolated 48V Telecommunication Systems
■ Internet Servers and Routers
■ Distributed Power Step-Down Converters
■ Automotive and Heavy Equipment
■ High-Speed Top and Bottom Gate Drivers for
2-Switch Forward Converter
■ On-Chip Rectifier and Self-Starting Architecture
Eliminate Need for Separate Gate Drive Bias
Supply
■ Wide Input Voltage Supply Range: 18V to 80V
■ Tolerant of 100V Input Voltage Transients
■
Linear Regulator Controller for Fast Start-Up
■ Precision UVLO with Adjustable Hysteresis
■ Overcurrent Protection
■
Volt-Second Limit Prevents Transformer Core
Saturation
■ Voltage Feedforward for Fast Transient Response
■
Available in 16-Lead Narrow SSOP Package
2-Switch Forward
Controller and Gate Driver
The LTC
®3705 is a controller for a 2-switch forward
converter and includes on-chip bottom and top gate
drivers that do not require external transformers.
For secondary-side control, combine the LTC3705 with
the LTC3706 PolyPhase
® secondary-side synchronous
forward controller to create a complete forward converter
using a minimum of discrete parts. A proprietary scheme
is used to multiplex gate drive signals across the isolation
barrier through a tiny pulse transformer. The on-chip
rectifier and the same pulse transformer provide gate drive
bias power.
Alternatively, the LTC3705 can be used as a standalone
voltage mode controller in a primary-side control architec-
ture with optoisolator feedback. Voltage feedforward pro-
vides excellent line regulation and transient response.
NDRV
GND
PGND VSLMT
UVLO
BOOST
LTC3705
BAS21
FQT7N10
0.22
µF
10
µF
CMPSH1-4
1.2
Ω
L1
1.2
µH
TG TS BG IS
T2
1
µF
162k
L1: COILCRAFT SER2010-122
T1: PULSE PA0807
T2: PULSE PA0297
33nF
30m
Ω
1W
2m
Ω
2W
Si7336ADP
Si7336ADP
×2
T1
•
•
MURS120
Si7852DP
Si7852DP
MURS120
VCC
33nF
15k
365k
100k
2.2
µF
SS/FLT
FB/IN+
FS/IN–
VIN
–
VIN
+
330
µF
6.3V
×3
2.2
µF
680pF
CZT3019
22.6k
20k
102k
VOUT
–
3705 TA01
VOUT
+
•
•
1
µF
100V
x3
FG
SW SG
VIN
NDRV
VCC
GND PGND PHASE SLP MODE REGSD
PT+
IS
+
IS
–
PT–
RUN/SS
LTC3706
ITH
FB
FS/SYNC
36V –72V to 3.3V/20A Isolated 2-Switch Forward Converter
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
PolyPhase is a registered trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Patent Pending


Similar Part No. - LTC3705IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3705 LINER-LTC3705 Datasheet
299Kb / 20P
2-Switch Forward Controller and Gate Driver
LTC3705 LINER-LTC3705_15 Datasheet
299Kb / 20P
2-Switch Forward Controller and Gate Driver
More results

Similar Description - LTC3705IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1952 LINER-LT1952 Datasheet
252Kb / 24P
Single Switch Synchronous Forward Controller
LTC3725 LINER-LTC3725 Datasheet
271Kb / 20P
Single-Switch Forward Controller and Gate Driver
LT1952-1 LINER-LT1952-1 Datasheet
235Kb / 24P
Single Switch Synchronous Forward Controller
LTC3725 LINER-LTC3725_15 Datasheet
275Kb / 20P
Single-Switch Forward Controller and Gate Driver
LTC3705 LINER-LTC3705_15 Datasheet
299Kb / 20P
2-Switch Forward Controller and Gate Driver
LTC3765 LINER-LTC3765_15 Datasheet
272Kb / 24P
Active Clamp Forward Controller and Gate Driver
LT1952 LINER-LT1952_15 Datasheet
367Kb / 28P
Single Switch Synchronous Forward Controller
LT1952-1 LINER-LT1952-1_15 Datasheet
367Kb / 28P
Single Switch Synchronous Forward Controller
logo
Texas Instruments
EMB1428Q TI1-EMB1428Q Datasheet
863Kb / 29P
Switch Matrix Gate Driver
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com