Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3705IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3705IGN
Description  2-Switch Forward Controller and Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3705IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3705IGN Datasheet HTML 12Page - Linear Technology LTC3705IGN Datasheet HTML 13Page - Linear Technology LTC3705IGN Datasheet HTML 14Page - Linear Technology LTC3705IGN Datasheet HTML 15Page - Linear Technology LTC3705IGN Datasheet HTML 16Page - Linear Technology LTC3705IGN Datasheet HTML 17Page - Linear Technology LTC3705IGN Datasheet HTML 18Page - Linear Technology LTC3705IGN Datasheet HTML 19Page - Linear Technology LTC3705IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3705
20
3705fb
PART NUMBER
DESCRIPTION
COMMENTS
LTC1693
High Speed Single/Dual N-Channel MOSFET Drivers CMOS Compatible Input, VCC Range: 4.5V to 12V
LTC1698
Secondary Synchronous Rectifier Controller
Use with the LT1681, Optocoupler Driver, Pulse Transformer Synchronization
LT1950
Single Switch Controller
Used for 20W to 500W Forward Converters
LTC3706
Polyphase Secondary-Side Synchronous
Fast Transient Response, Self-Starting Architecture, Current Mode Control
Forward Controller
LT3710
Secondary-Side Synchronous Post Regulator
For Regulated Auxiliary Output in Isolated DC/DC Converters
LT3781
“Bootstrap” Start Dual Transistor Synchronous
72V Operation, Synchronous Switch Output
Forward Controller
LT3804
Secondary Side Dual Output Controller
Regulates Two Secondary Outputs, Optocoupler Feedback Driver
with Opto Driver
and Second Output Synchronous Driver Controller
LTC3901
Secondary-Side Synchronous Driver for
Similar Function to LTC3900, Used in Full-Bridge and Push-Pull Converter
Push-Pull and Full-Bridge Converter
LTC4440/LTC4440-5 High Speed, High Voltage and High Side
High Side Source Up to 100V, Up to 15V Gate Drive Supply, 6-Lead
Gate Drivers
ThinSOT
TM or 8-Lead Exposed Pad MSOP Packages
LTC4441
6A MOSFET Driver
Adjustable Gate Drive from 5V to 8V, 5V to 28V VIN Range
ThinSOT is a trademark of Linear Technology Corporation.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2005
LT 1006 REV B • PRINTED IN USA
RELATED PARTS
Figure 8. 36V-72V to 12V/5A Open-Loop Regulated Isolated Forward Converter Using VSLMT
15V
1mH
DO1608C-105
L1
25
µH
BAS21
MURS120
T1
PA0520
NDRV
GND
VSLMT
LTC3705
IS
FB/IN+
FS/IN–
UVLO
SSFLT
6
1
3
2
7
8
4
5
11
16
14
15
10
9
13
12
VCC
TS
BOOT
BG
TG
PGND
NC
NC
P2
VIN
–
P1
VIN
+
36V TO
72V
P3
VOUT
–
P4
VOUT
+
12V
5A
L2
0.82
µH
1
µF
100V
1
µF
100V
220pF
0.033
µF
1000pF
0.22
µF
330pF
301k
100
Ω
100k
365k
1%
0.025
Ω
1W
15k
1%
301k
10
Ω
10
Ω
Q1
0.1
µF
2.2
µF
25V
FQT7N10
C7: TPSE686M025R0125 AVX
D1A, D1B: MBRB20100CT
D3: P6SMB15AT3
L1: GOWANDA 050KM2502SM
L2: VISHAY IHLP2525CZERR82M01
Q1, Q2: SILICONIX Si7456DP
+
1
µF
100V
2.2nF
250V
Q2
MURS120
BAS21
BAS21
D1B
D3
D1A
330pF
200V
20
Ω
1W
C7
68
µF
2x
•
1
6
•
•
27
511
8T
5T
6T
11
7
+
3705 F08
MMBT2907A
MMBT2907A
0.1
µF
LOAD (A)
0
8
6
4
2
14
12
10
16
18
4
3
3705 F08b
12
5
0
VIN = 36V
VIN = 48V
VIN = 72V
Regulation
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com