Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3705IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3705IGN
Description  2-Switch Forward Controller and Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3705IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3705IGN Datasheet HTML 6Page - Linear Technology LTC3705IGN Datasheet HTML 7Page - Linear Technology LTC3705IGN Datasheet HTML 8Page - Linear Technology LTC3705IGN Datasheet HTML 9Page - Linear Technology LTC3705IGN Datasheet HTML 10Page - Linear Technology LTC3705IGN Datasheet HTML 11Page - Linear Technology LTC3705IGN Datasheet HTML 12Page - Linear Technology LTC3705IGN Datasheet HTML 13Page - Linear Technology LTC3705IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3705
10
3705fb
UVLO
The UVLO pin is connected to a resistive voltage divider
connected to VIN as shown in Figure 2. The voltage
threshold on the UVLO pin for VIN rising is 1.242V. To
introduce hysteresis, the LTC3705 draws 4.9
µA from the
UVLO pin when VIN is rising. The hysteresis is therefore
user adjustable and depends on the value of R1. The UVLO
threshold for VIN rising is:
VV
RR
R
RA
IN UVLO RISING
(,
)
(.
)
( .
)
=
+
+µ
1 242
12
2
14 9
the volt-second limit circuit. The duty cycle is always
limited to 50% to ensure that the power transformer flux
always has time to reset before the start of the next cycle.
In an alternate application, the volt-second limit can be
used for open-loop regulation of the output against changes
in VIN.
Current Limit
Current limit for the LTC3705 is principally a safety feature
to protect the converter and is not part of a control
function. The current that flows in series through the top
switch, the transformer primary, and the bottom switch is
sensed by a resistor connected between the source of the
bottom switch and GND. If the voltage across this resistor
exceeds 300mV, the LTC3705 initiates a fault.
Bootstrap Refresh
The LTC3705 incorporates a unique bootstrap refresh
circuit to ensure that the bootstrap supply (BOOST) for the
top switch has adequate voltage for operation at low duty
cycles. Therefore, the LTC3705 does not require a
undervoltage lockout for the bootstrap supply and a po-
tential source of unexpected shutdowns is eliminated.
Voltage Feedforward
The LTC3705 uses voltage feedforward to properly modu-
late the duty cycle as a function of the input voltage. For
secondary-side control with the LTC3706, voltage
feedforward is used during start-up only. The duty cycle
during start up is determined by comparison of the voltage
on the SSFLT pin to a 50% duty cycle triangle wave with
an amplitude of 2V. To implement voltage feedforward, the
charging current for the soft-start capacitor is reduced in
proportion to the input voltage. As a result, the initial rate
of rise of the converter output voltage is held approxi-
mately constant regardless of the input voltage. At some
point during start-up, the LTC3706 begins to switch the
pulse transformer and takes over the soft-start.
For operation with standalone primary-side control and
optoisolator feedback, voltage feedforward is used during
both start-up and normal operation. The duty cycle is
determined by using a 50% duty cycle triangle wave with
an amplitude equal to 66% of the voltage on the UVLO pin
which is, in turn, proportional to VIN. The charging current
for the soft-start capacitor is a constant 5.2
µA. During
soft-start, the duty cycle is determined by comparing the
voltage on the SSFLT pin to the triangle wave. Soft-start is
concluded when the voltage on the SSFLT pin exceeds the
voltage on the FB/IN+ pin. After the conclusion of soft-
start, the duty cycle is determined by comparison of the
voltage on the FB/IN+ pin to the triangle wave.
Optoisolator Bias
When the LTC3705 is used in standalone primary-side
mode, feedback is provided by an optoisolator connected
to the FB/IN+ pin. The LTC3705 has a built optoisolator
bias circuit which eliminates the need for external
components.
OPERATIO
APPLICATIO S I FOR ATIO
The LTC3705 also has 16mV of voltage hysteresis on the
UVLO pin so that the UVLO threshold for VIN falling is:
VV
RR
R
IN UVLO FALLING
(,
)
(.
)
=
+
1 226
12
2
To implement external Run/Stop control, connect a small
NMOS to the UVLO pin as shown in Figure 2. Turning the
NMOS on grounds the UVLO pin and prevents the LTC3705
from running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com