Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3705IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3705IGN
Description  2-Switch Forward Controller and Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3705IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC3705IGN Datasheet HTML 1Page - Linear Technology LTC3705IGN Datasheet HTML 2Page - Linear Technology LTC3705IGN Datasheet HTML 3Page - Linear Technology LTC3705IGN Datasheet HTML 4Page - Linear Technology LTC3705IGN Datasheet HTML 5Page - Linear Technology LTC3705IGN Datasheet HTML 6Page - Linear Technology LTC3705IGN Datasheet HTML 7Page - Linear Technology LTC3705IGN Datasheet HTML 8Page - Linear Technology LTC3705IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3705
3
3705fb
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VBOOST = 12V, GND = PGND = VTS = 0V, TA = 25°C, unless
otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Operating junction temperature TJ (in °C) is calculated from the
ambient temperature TA and the average power dissipation PD (in watts)
by the formula: TJ = TA + θJA • PD. Refer to the Applications Information
section for details.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IHUVLO
Hysteresis Current
VUVLO = 1V
●
4.2
4.9
5.6
µA
VUVLOOP
Voltage Feedforward Operating Range
Primary-Side Control
VUVLOF(MIN)
3.75
V
Gate Drivers (TG and BG)
ROS
Output Pull-Down Resistance
IOUT = 100mA
1.9
Ω
VOH
High Output Voltage
IOUT = –100mA
11
V
IPU
Peak Pull-Up Current
1.7
A
tr
Output Rise Time
10% to 90%, COUT = 4.7nF
40
ns
tf
Output Fall Time
10% to 90%, COUT = 4.7nF
70
ns
Rectifier
IRECT
Maximum Rectifier DC Output Current
25
mA
Oscillator
fOSC(P)
Oscillator Frequency
Primary-Side Control, RFS(P) = 100kΩ
200
kHz
Primary-Side Control, RFS(P) = 25kΩ
700
kHz
Primary-Side Control, RFS(P) = 300kΩ
70
kHz
∆fRFS(P)
Oscillator Resistor Set Accuracy
Primary-Side Control
25k < RFSET < 300k
±15
%
fOSC(S)
Oscillator Frequency
Secondary-Side Control (During Start-Up),
300
kHz
RFS(S) = 100kΩ
Soft-Start/Fault (SSFLT)
ISS(C)
Soft-Start Charge Current
Primary-Side Control, VSSFLT = 2V
–5.2
µA
Secondary-Side Control, VUVLO = 1.3V,
–4
µA
VSSFLT = 2V
Secondary-Side Control, VUVLO = 3.75V,
–1.6
µA
VSSFLT = 2V
VLRTO
Linear Regulator Time Out-Threshold
3.9
V
VFLTH
Fault Output High
VCC = 8V
6.7
V
ISS(D)
Soft-Start Discharge Current
Timing Out After Fault, VSSFLT = 2V
1
µA
Current Sense Input (IS)
VIS(MAX)
Overcurrent Threshold
300
mV
Volt Second Limit (VSLMT)
VVSL(MAX)
Volt-Second Limit Threshold
1.26
V
IVSLMT(MAX)
Maximum Volt-Second Limit Resistor Current
0.25
mA
Optoisolator Bias Current
VOPTO
Open Circuit Optoisolator Voltage
Primary-Side Control IFB = 0V
3.3
V
IOPTO
Optoisolator Bias Current
Primary-Side Control VFB = 2.5V
0.5
mA
Primary-Side Control VFB = 0V
1.6
mA
Note 3: ICC is the sum of current into NDRV and VCC.
Note 4: The LTC3705EGN is guaranteed to meet performance
specifications from 0
°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3705IGN is
guaranteed and tested over the – 40
°C to 85°C operating temperature
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com