Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3705IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3705IGN
Description  2-Switch Forward Controller and Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3705IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC3705IGN Datasheet HTML 1Page - Linear Technology LTC3705IGN Datasheet HTML 2Page - Linear Technology LTC3705IGN Datasheet HTML 3Page - Linear Technology LTC3705IGN Datasheet HTML 4Page - Linear Technology LTC3705IGN Datasheet HTML 5Page - Linear Technology LTC3705IGN Datasheet HTML 6Page - Linear Technology LTC3705IGN Datasheet HTML 7Page - Linear Technology LTC3705IGN Datasheet HTML 8Page - Linear Technology LTC3705IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3705
5
3705fb
Optoisolator Bias VFB/IN+ vs
IFB/IN+
Gate Drive Pull-Down Resistance
vs Temperature
Gate Drive Peak Pull-Up Current
vs Temperature
Linear Regulator Start-Up
Gate Drive Encoding
Fault Operation
–IFB/IN+ (mA)
0
1.5
1.0
0.5
2.0
1.5
1.0
0.5
3705 G05
0
3.5
2.0
2.5
3.0
5V/DIV
25
µs/DIV
3705 G06
VIN
NDRV
VCC
10V/DIV
1
µs/DIV
3705 G07
TG
FB/IN
FS/IN–
2V/DIV
10V/DIV
40ms/DIV
3705 G08
BG
SSFLT
TEMPERATURE (
°C)
–60
2.25
2.00
1.75
100
3705 G14
1.50
40
60
80
0
–20
20
–40
2.50
TEMPERATURE (
°C)
–60
1.9
1.8
1.7
1.6
100
3705 G15
1.5
40
60
80
0
–20
20
–40
2.0
TYPICAL PERFOR A CE CHARACTERISTICS (TA = 25°C unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com