Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3705IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3705IGN
Description  2-Switch Forward Controller and Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3705IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3705IGN Datasheet HTML 7Page - Linear Technology LTC3705IGN Datasheet HTML 8Page - Linear Technology LTC3705IGN Datasheet HTML 9Page - Linear Technology LTC3705IGN Datasheet HTML 10Page - Linear Technology LTC3705IGN Datasheet HTML 11Page - Linear Technology LTC3705IGN Datasheet HTML 12Page - Linear Technology LTC3705IGN Datasheet HTML 13Page - Linear Technology LTC3705IGN Datasheet HTML 14Page - Linear Technology LTC3705IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC3705
11
3705fb
completes the soft-start interval. In order to ensure that
control is properly transferred from the LTC3705 (pri-
mary-side) to the LTC3706 (secondary-side), it is neces-
sary to limit the rate of rise on the primary-side soft-start
ramp so that the LTC3706 has adequate time to wake up
and assume control before the output voltage gets too
high. This condition is satisfied for many applications if the
following relationship is maintained:
CSS,SEC ≤ CSS_PRI
However, care should be taken to ensure that soft-start
transfer from primary-side to secondary-side is com-
pleted well before the output voltage reaches its target
value. A good design goal is to have the transfer completed
when the output voltage is less than one-half of its target
value. Note that the fastest output voltage rise time during
primary-side soft-start mode occurs with minimum load
current.
The open-loop start-up frequency on the LTC3705 is set
by placing a resistor RFS(S) from the FS/IN– pin to GND.
Although the exact start-up frequency on the primary side
is not critical, it is generally a good practice to set it
approximately equal to the operating frequency on the
secondary side.
In this mode the start-up frequency of the LTC3705 is
approximately:
f
R
PRI
FS S
=
+
34 109
10 000
•
,
()
In the event that the LTC3706 fails to start up properly and
assume control of switching, there are several fail-safe
mechanisms to help avoid overvoltage conditions. First,
the LTC3705 implements a volt-second clamp that may be
used to keep the primary-side duty cycle at a level that
does not produce an excessive output voltage. Second,
the timeout of the linear regulator (described in the follow-
ing section) means that, unless the LTC3706 starts and
supports the LTC3705’s gate drives through the pulse
transformer and on-chip rectifier, the LTC3705 eventually
suffers a gate drive undervoltage fault. Finally, the LTC3706
has an independent overvoltage detection circuit that
crowbars the output of the DC/DC converter using the
synchronous secondary-side MOSFET switch.
APPLICATIO S I FOR ATIO
Figure 2. Resistive Voltage Divider for
UVLO and Optional Run/Stop Control
R1
R2
VIN
RUN/STOP
CONTROL
(OPTIONAL)
UVLO
GND
LTC3705
3705 F02
Linear Regulator
The linear regulator eliminates the long start-up times
associated with a conventional trickle charger by using an
external NMOS to quickly charge the capacitor connected
to the VCC pin.
Note that a trickle charger usually requires a large capaci-
tor to provide holdup for the VCC pin while the converter
attempts to start. The linear regulator in the LTC3705 can
both charge the capacitor connected to the VCC pin and
provide primary-side gate-drive bias current. Therefore,
with the linear regulator, the capacitor need only be large
enough to cope with the ripple current from driving the top
and bottom gates and holdup need not be considered.
The external NMOS for the linear regulator should be a
standard 3V threshold type (i.e. not a logic level thresh-
old). The rate of charge of VCC from 0V to 8V is controlled
by the LTC3705 to be approximately 45
µs regardless of
the size of the capacitor connected to the VCC pin. The
charging current for this capacitor is approximately:
I
V
s
C
C =
µ
8
45
The safe operating area (SOA) for the external NMOS
should be chosen so that capacitor charging does not
damage the NMOS. Excessive values of capacitor are
unnecessary and should be avoided.
Start-Up Considerations
When used in a self-starting converter with the LTC3706,
the LTC3705 initially begins the soft-start of the converter
in an open-loop fashion. After bias is obtained on the
secondary side, the LTC3706 assumes control and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com