Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3705IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3705IGN
Description  2-Switch Forward Controller and Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3705IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3705IGN Datasheet HTML 12Page - Linear Technology LTC3705IGN Datasheet HTML 13Page - Linear Technology LTC3705IGN Datasheet HTML 14Page - Linear Technology LTC3705IGN Datasheet HTML 15Page - Linear Technology LTC3705IGN Datasheet HTML 16Page - Linear Technology LTC3705IGN Datasheet HTML 17Page - Linear Technology LTC3705IGN Datasheet HTML 18Page - Linear Technology LTC3705IGN Datasheet HTML 19Page - Linear Technology LTC3705IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC3705
17
3705fb
TYPICAL APPLICATIO S
NDRV
GND
PGND VSLMT
UVLO
BOOST
LTC3705
BAS21
FQT7N10
0.22
µF
2.2nF
250V
1nF
100V
1nF
100V
10
µF
25V
CMPSH1-4
1.2
Ω
L2 1.2
µH
10
Ω
0.25W
10
Ω
0.25W
TG TS BG IS
T2
1
µF
162k
L1: VISHAY IHLP-2525CZ-01
L2: COILCRAFT SER2010-122
T1: PULSE PA0807
T2: PULSE PA0297
33nF
30m
Ω
1W
2m
Ω
2W
Si7336ADP
Si7336ADP
×2
T1
2:1
9:2
•
•
MURS120
MURS120
VCC
33nF
1nF
15k
1%
365k
1%
100k
2.2
µF
25V
SS/FLT
FB/IN+
FS/IN–
VIN
–
VIN
+
L1 1
µH
330
µF
6.3V
×3
1
µF
2.2
µF
16V
470pF
680pF
FG SW
SG
VIN
NDRV
CZT3019
VCC
GND PGND PHASE SLP MODE REGSD
PT+
IS
+
IS
–
PT–
RUN/SS
LTC3706
ITH
22.6k
1%
100k
20k
680pF
102k
1%
VOUT
–
3705 F06
VOUT
+
FB
FS/SYNC
0.1
µF
5k
1nF
•
•
1
µF
100V
1
µF
100V
x3
100
Ω
100
Ω
100
Ω
100
Ω
Si7852DP
Si7852DP
Figure 6. 36V-72V to 3.3V/20A Isolated Forward Converter Using LTC3706
LOAD CURRENT (A)
0
85
90
95
20
15
3705 F06c
510
25
80
VIN = 36V
VIN = 72V
20
µs/DIV
VIN = 48V
VOUT = 3.3V
LOAD STEP = 0A TO 20A
VOUT
50mV/DIV
IOUT
10A/DIV
3705 F06b
Efficiency
Load Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com