Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3705IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3705IGN
Description  2-Switch Forward Controller and Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3705IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3705IGN Datasheet HTML 10Page - Linear Technology LTC3705IGN Datasheet HTML 11Page - Linear Technology LTC3705IGN Datasheet HTML 12Page - Linear Technology LTC3705IGN Datasheet HTML 13Page - Linear Technology LTC3705IGN Datasheet HTML 14Page - Linear Technology LTC3705IGN Datasheet HTML 15Page - Linear Technology LTC3705IGN Datasheet HTML 16Page - Linear Technology LTC3705IGN Datasheet HTML 17Page - Linear Technology LTC3705IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3705
14
3705fb
Grounding Considerations
The LT3705 is typically used in high current converter
designs that involve substantial switching transients. Fig-
ure 5 illustrates these currents. The switch drivers on the
IC are designed to drive large capacitances and, as such,
generate significant transient currents. Careful consider-
ation must be made regarding input and local power
supply bypassing to avoid corrupting the ground refer-
ences used by the UVLO and frequency set circuitry.
Typically, high current paths and transients from the input
supply and any local drive supplies must be kept isolated
from GND. By virtue of the topologies used in LT3705
applications, the large currents from the primary switches,
as well as the switch drive transients, pass through the
sense resistor to ground. This defines the ground connec-
tion of the sense resistor as the reference point for both
GND and PGND.
Effective grounding can be achieved by considering the
return current paths from the sense resistor to each
respective bypass capacitor. Don’t be tempted to run
small traces to separate the grounds. A power ground
plane is important as always in high power converters, but
care must be taken to keep high current paths away from
the GND reference. An effective approach is to use a 2-
layer ground plane, reserving an entire layer for GND and
an entire layer for PGND. The UVLO and frequency set
resistors can then be directly connected to the GND plane.
For the LTC3706, the master performs soft-start and
voltage-loop regulation by driving all slaves to the same
current as the master using the ITH pins. Faults and
shutdowns are communicated via the interconnection of
the RUN/SS pins. The LTC3706 is put into slave mode by
tying the FB pin to VCC.
Standalone Primary-Side Operation
The LTC3705 can be used to implement a standalone
forward converter using optoisolator feedback and a
secondary-side voltage reference. Alternately the LTC3705
can be used to implement an open-loop forward converter
using the VSLMT pin to regulate against changes in VIN. In
either case, the LTC3705 oscillator determines the fre-
quency as found from:
f
R
OSC
FS P
=
+
21 10
4200
9
•
()
Note that polyphase operation is not possible in the stand-
alone configuration.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com