Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3706IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3706IGN
Description  Secondary-Side Synchronous Forward Controller with PolyPhase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3706IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3706IGN Datasheet HTML 4Page - Linear Technology LTC3706IGN Datasheet HTML 5Page - Linear Technology LTC3706IGN Datasheet HTML 6Page - Linear Technology LTC3706IGN Datasheet HTML 7Page - Linear Technology LTC3706IGN Datasheet HTML 8Page - Linear Technology LTC3706IGN Datasheet HTML 9Page - Linear Technology LTC3706IGN Datasheet HTML 10Page - Linear Technology LTC3706IGN Datasheet HTML 11Page - Linear Technology LTC3706IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC3706
8
3706fb
BLOCK DIAGRAM
4VSB
–
+
–
+
16
15
IS
+
IS
–
7
ITH
6
FB
14
SLP
5
PHASE
4
MODE
8
9
RUN/SS
VSOUT
11
VS
–
VS
+
40k
40k
13
FS/SYNC
2V
2×
32×
C
–
+
–
+
–
+
–
+
–
+
EA
2.5V
RUN/SS
0.60V
–
+
C
–
+
C
0.25V
3.2V
ITRP
SKIP
BLANK
WAIT
OVP
R
Q
S
DMAX
PWM
RESET
DOMINANT
OVP
VCC
VCC
PGND
VCC
FG
PGND
WAIT
ZERO
CROSSING
DETECT
DRIVE
TYPE
R
Q
S
OT LATCH
DRIVE/DMAX
CONTROL
OSC
AND
PLL
SOFT-
START
4VSB
FB
VCCUV
SHDN
SSLOW
WAIT
OT
OC
OC
UVLO
VINUV
RESTRT1
SLOPE
COMP 1
PGOOD/OVP
DRIVER
ENCODING
AND
LOGIC
BLANK
DMAX
23
SG
0.2V
1
SW
20
PT+
2
–
+
VCC
22
PT–
PULSE
XFMR
21
VIN
19
VCC
VIN
gm = 5μS
24
REGSD
17
PGOOD
3
GND
12
NDRV
18
REG
4VSB
4VSB
1.24V
SHDN
60k
5VDC TO
30VDC
5VDC TO
10VDC
A
4VSB
4V
OVP
3706 BD
FB
0.6V
VCC
UVLO
VREF
275k
VIN
40k
VCC
SHDN
(4.25/4.5)
VCCUV
VSENSE
AMP
40k
10
A
••
gm = 2.8mS
–
+
C
OVERCURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com