Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3706IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3706IGN
Description  Secondary-Side Synchronous Forward Controller with PolyPhase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3706IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC3706IGN Datasheet HTML 1Page - Linear Technology LTC3706IGN Datasheet HTML 2Page - Linear Technology LTC3706IGN Datasheet HTML 3Page - Linear Technology LTC3706IGN Datasheet HTML 4Page - Linear Technology LTC3706IGN Datasheet HTML 5Page - Linear Technology LTC3706IGN Datasheet HTML 6Page - Linear Technology LTC3706IGN Datasheet HTML 7Page - Linear Technology LTC3706IGN Datasheet HTML 8Page - Linear Technology LTC3706IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3706
5
3706fb
TYPICAL PERFORMANCE CHARACTERISTICS
100.0
101.5
101.0
100.5
99.5
3706 G07
99.0
TEMPERATURE (°C)
–50
50
75
100
25
–25
0
125
440
470
460
450
430
3706 G08
420
TEMPERATURE (°C)
–50
50
75
100
25
–25
0
125
0
2
5
4
3
1
3706 G14
–1
–2
TEMPERATURE (°C)
–50
50
75
100
25
–25
0
125
R = 175KΩ
fOSC = 500kHz
R = 75KΩ
fOSC = 100kHz
Maximum Current Sense
Threshold vs Temperature
RUN/SS ON Threshold
vs Temperature
Oscillator Frequency
vs Temperature
TA = 25°C, unless otherwise noted.
INPUT VOLTAGE (V)
5
5
6
7
9
8
3706 G01
4
67
10
3
fOSC = 200kHz
ALL GATES: CLOAD = 0
TEMPERATURE (°C)
–50
6.98
7.02
7.06
6.96
7.00
7.04
50
75
100
25
3706 G02
6.94
6.92
–25
0
125
6.90
6.88
6.86
DUTY CYCLE (%)
0
60
80
100
60
3706 G03
40
20
20
40
80
0
RSLP = 0
RSLP = 50k
100kΩ
ITH VOLTAGE (V)
0
60
80
100
2.0
2.5
1.5
3706 G04
40
20
0.5
1.0
3.0
0
IS+, IS– COMMON-MODE VOLTAGE (V)
–1
–100
100
400
300
200
0
34
2
3706 G05
–200
–300
01
6
5
–400
RS-MODE: (IIS+ + IIS–)
CT-MODE: IIS+
240
250
265
260
255
245
3706 G06
235
230
TEMPERATURE (°C)
–50
50
75
100
25
–25
0
125
RS-MODE: (IIS+ + IIS–)
VIS+ = VIS– = 0V
Maximum Current Sense
Threshold vs ITH Voltage
IS Pins Source Current
IS Pins Source Current
vs Temperature
VCC Supply Current
vs Input Voltage
VCC Regulator Output Voltage
vs Temperature
Maximum Current Sense
Threshold vs Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com