Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3706IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3706IGN
Description  Secondary-Side Synchronous Forward Controller with PolyPhase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3706IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC3706IGN Datasheet HTML 1Page - Linear Technology LTC3706IGN Datasheet HTML 2Page - Linear Technology LTC3706IGN Datasheet HTML 3Page - Linear Technology LTC3706IGN Datasheet HTML 4Page - Linear Technology LTC3706IGN Datasheet HTML 5Page - Linear Technology LTC3706IGN Datasheet HTML 6Page - Linear Technology LTC3706IGN Datasheet HTML 7Page - Linear Technology LTC3706IGN Datasheet HTML 8Page - Linear Technology LTC3706IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3706
4
3706fb
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3706E is guaranteed to meet the performance specifica-
tions over the 0°C to 85°C operating temperature range. Specifications
over the –40°C to 85°C operating temperature range are assured by
design, characterization and correlation with statistical process controls.
The LTC3706I is guaranteed and tested over the full –40°C to 85°C
operating temperature range.
Note 3: Junction temperature TJ (in °C) is calculated from the ambient tem-
perature TA and the average power dissipation PD (in Watts) by the formula:
TJ = TA + θJA • PD
Refer to the Applications Information section for details.
Note 4: The LTC3706 is tested in a feedback loop that servos VFB to a
voltage near the internal 0.6V reference voltage to obtain the specified ITH
voltage (VITH = 1.2V).
Note 5: Operating supply current is measured in test mode. Dynamic
supply current is higher due to the internal gate charge being delivered at
the switching frequency. See Typical Performance Characteristics.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator and Phase-Locked Loop
IFS
FS/SYNC Pin Sourcing Current
20
μA
fLOW
Oscillator Low Frequency Set Point
VFS/SYNC = GND
170
200
230
kHz
fHIGH
Oscillator High Frequency Set Point
VFS/SYNC = VCC
255
300
345
kHz
Δf (RFS)
Oscillator Resistor Set Accuracy
75kΩ < RFS/SYNC < 175kΩ
–20
20
%
fPLL(MAX)
Maximum PLL Sync Frequency
500
kHz
fPLL(MIN)
Minimum PLL Sync Frequency
75
kHz
PGOOD Output
VFBH/0.6
Power Good Upper Threshold
VFB Rising
115
117
119
%
VFBL1/0.6
Power Good Lower Threshold
VFB Rising
91.5
93
94.5
%
VFBL2/0.6
Power Good Lower Threshold
VFB Falling
89.5
91
92.5
%
Differential Amplifier (VSENSE AMP)
ADA
Gain
VS– = GND, 1V ≤ VS+ ≤ 5V
0.994
1
1.006
V/V
CMRR DA
Common Mode Rejection Ratio
75
dB
RIN
Input Resistance
80
kΩ
fBW
–3dB Bandwidth
3MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com