Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3706IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3706IGN
Description  Secondary-Side Synchronous Forward Controller with PolyPhase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3706IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC3706IGN Datasheet HTML 1Page - Linear Technology LTC3706IGN Datasheet HTML 2Page - Linear Technology LTC3706IGN Datasheet HTML 3Page - Linear Technology LTC3706IGN Datasheet HTML 4Page - Linear Technology LTC3706IGN Datasheet HTML 5Page - Linear Technology LTC3706IGN Datasheet HTML 6Page - Linear Technology LTC3706IGN Datasheet HTML 7Page - Linear Technology LTC3706IGN Datasheet HTML 8Page - Linear Technology LTC3706IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3706
1
3706fb
TYPICAL APPLICATION
DESCRIPTION
Secondary-Side Synchronous
Forward Controller with
PolyPhase Capability
The LTC
®3706 is a PolyPhase capable secondary-side
controller for synchronous forward converters. When used
in conjunction with the LTC3705 gate driver and primary-
side controller, the part creates a complete isolated power
supply that combines the power of PolyPhase operation
with the speed of secondary-side control.
The LTC3706 has been designed to simplify the design
of highly efficient, secondary-side forward converters.
Working in concert with the LTC3705, the LTC3706 forms
a robust, self-starting converter that eliminates the need
for the separate bias regulator that is commonly used in
secondary-side control applications. In addition, a pro-
prietary scheme is used to multiplex gate drive signals
and DC bias power across the isolation barrier through a
single, tiny pulse transformer.
The LTC3706 provides remote sensing, accurate power
good and overvoltage monitoring circuits to support preci-
sion, high current applications. A linear regulator controller
with thermal protection is also provided to simplify the
generation of secondary-side bias voltage.
The LTC3706 is available in a 24-lead SSOP package.
36V-72V to 3.3V/20A Isolated Forward Converter
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
PolyPhase is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6144194, other patents pending.
FEATURES
APPLICATIONS
n Isolated 48V Telecommunication Systems
n Internet Servers and Routers
n Distributed Power Step-Down Converters
n Automotive and Heavy Equipment
n Secondary-Side Control for Fast Transient Response
n Self-Starting Architecture Eliminates Need for
Separate Bias Regulator
n Proprietary Gate Drive Encoding Scheme Reduces
System Complexity
n PolyPhase
® Operation Reduces CIN Requirements
n Current Mode Control Ensures Current Sharing
n PLL Fixed Frequency: 100kHz to 500kHz
n
±1% Output Voltage Accuracy
n True Remote Sense Differential Amplifier
n Power Good Output Voltage Monitor
n High Voltage Linear Regulator Controller
n Wide Supply Range: 5V to 30V
n Available in a Narrow 24-Lead SSOP Package
NDRV
GND
PGND VSLMT
UVLO
BOOST
LTC3705
BAS21
FQT7N10
0.22μF
10μF
25V
CMPSH1-4
1.2Ω
L1
1.2μH
TG
TS BG IS
T2
1μF
162k
L1: COILCRAFT SER2010-122
T1: PULSE PA0807
T2: PULSE PA0297
33nF
30mΩ
1W
2mΩ
2W
Si7336ADP
Si7336ADP
2
T1
•
•
MURS120
Si7852DP
Si7852DP
MURS120
VCC
33nF
15k
1%
365k
1%
100k
2.2μF
25V
SS/FLT
FB/IN+
FS/IN–
VIN
–
VIN
+
330μF
6.3V
3
2.2μF
16V
680pF
CZT3019
22.6k
1%
20k
102k
1%
VOUT
–
3706 TA01
VOUT
+
•
•
1μF
100V
3
FG
SW SG
VIN
NDRV
VCC
GND PGND PHASE SLP MODE REGSD
PT+
IS
+
IS
–
PT–
RUN/SS
LTC3706
ITH
FB
FS/SYNC


Similar Part No. - LTC3706IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3706 LINER-LTC3706_15 Datasheet
296Kb / 22P
Secondary-Side Synchronous Forward Controller with PolyPhase Capability
More results

Similar Description - LTC3706IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
Secondary-Side Synchronous Forward Controller
logo
ON Semiconductor
NCP4302 ONSEMI-NCP4302 Datasheet
150Kb / 16P
Secondary Side Synchronous Flyback Controller
February, 2008 - Rev. 2
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
Secondary-Side Synchronous Rectifier Controller
logo
Linear Technology
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
Secondary-Side Synchronous Forward Controller
LTC3706 LINER-LTC3706_15 Datasheet
296Kb / 22P
Secondary-Side Synchronous Forward Controller with PolyPhase Capability
LTC3766 LINER-LTC3766_15 Datasheet
621Kb / 60P
High Efficiency, Secondary-Side Synchronous Forward Controller
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 4
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 6
APR347 DIODES-APR347 Datasheet
439Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com