Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3706IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3706IGN
Description  Secondary-Side Synchronous Forward Controller with PolyPhase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3706IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3706IGN Datasheet HTML 7Page - Linear Technology LTC3706IGN Datasheet HTML 8Page - Linear Technology LTC3706IGN Datasheet HTML 9Page - Linear Technology LTC3706IGN Datasheet HTML 10Page - Linear Technology LTC3706IGN Datasheet HTML 11Page - Linear Technology LTC3706IGN Datasheet HTML 12Page - Linear Technology LTC3706IGN Datasheet HTML 13Page - Linear Technology LTC3706IGN Datasheet HTML 14Page - Linear Technology LTC3706IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC3706
11
3706fb
OPERATION
Frequency Setting and Synchronization
The LTC3706 uses a single pin to set the operating
frequency, or to synchronize the internal oscillator to a
reference clock with an on-chip phase-locked loop (PLL).
The FS pin may be tied to GND, VCC or have a single
resistor to GND to set the switching frequency. If a clock
signal (>2V) is detected at the FS pin, the LTC3706 will
automatically synchronize to the rising edge of the reference
clock. Table 2 summarizes the operation of the FS pin.
For synchronization between multiple LTC3706s, the
PT+ pin of one LTC3706 can be used as a master clock
reference and tied to the FS pin of the other LTC3706s.
Table 2
FS PIN
SWITCHING FREQUENCY
GND
200kHz
VCC
300kHz
RFS to GND
fOSC (Hz) = 4RFS – 200k
Reference Clock
fOSC = fREF (75kHz to 500kHz)
This will cause all LTC3706’s to operate at the same fre-
quency. The phase angle of each LTC3706 that is being
synchronized can be set by using the PHASE pin. This pin
can be tied to GND, VCC or have a single resistor to VCC
to set the phase angle (delay) of the internal oscillator
relative to the incoming sync signal on the FS pin. Any
one of five preset values can be selected as summarized
in Table 3.
Table 3
PHASE PIN
LTC3706 PHASE DELAY
GND
0°
VCC
180°
200kΩ to VCC
60°
100kΩ to VCC
90°
50kΩ to VCC
120°
Soft-Start
The soft-start circuitry has five functions: 1) to provide
a shutdown, 2) to provide a smooth ramp on the output
voltage during start-up, 3) to limit the output current in
a short-circuit situation by entering a hiccup mode, 4) to
limit the maximum power dissipation in the external linear
regulator via the REGSD pin, and 5) to communicate fault
and shutdown information between multiple LTC3706s in
a PolyPhase application.
When the RUN/SS pin is pulled to GND, the chip is placed
into shutdown mode. If this pin is released, the RUN/SS
pin is initially charged with a 50μA current source. After
the RUN/SS pin gets above 0.5V, the chip is enabled. At
the instant that the LTC3706 is first enabled, the RUN/SS
voltage is rapidly preset to a voltage that will correspond
to the main output voltage of the DC/DC converter. (See
the Self-Starting Architecture section.) After this preset
interval has completed, the normal soft-start interval begins
and the charging current is reduced to 5μA. The external
soft-start voltage is used to internally ramp up the 0.6V
reference (positive) input to the error amplifier. When fully
charged, the RUN/SS voltage remains at 3V.
In the event that the sensed switch or inductor current
exceeds the overcurrent trip threshold, an internal fault
latch is tripped. This latch is also tripped when the REGSD
voltage exceeds 4V (see the Linear Regulator section).
When such a fault is detected, the LTC3706 immediately
goes to zero duty cycle and initiates a soft-start retry.
Prior to discharging the soft-start capacitor, however, the
LTC3706 first puts a voltage pulse on the RUN/SS pin, which
trips the fault latch in any other LTC3706 that shares the
RUN/SS. This ensures an orderly shutdown of all phases
in a PolyPhase application. After the soft-start capacitor
is fully discharged, the LTC3706 attempts a restart. If the
fault is persistent, the system enters a “hiccup” mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com