Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3706IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3706IGN
Description  Secondary-Side Synchronous Forward Controller with PolyPhase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3706IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3706IGN Datasheet HTML 2Page - Linear Technology LTC3706IGN Datasheet HTML 3Page - Linear Technology LTC3706IGN Datasheet HTML 4Page - Linear Technology LTC3706IGN Datasheet HTML 5Page - Linear Technology LTC3706IGN Datasheet HTML 6Page - Linear Technology LTC3706IGN Datasheet HTML 7Page - Linear Technology LTC3706IGN Datasheet HTML 8Page - Linear Technology LTC3706IGN Datasheet HTML 9Page - Linear Technology LTC3706IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3706
6
3706fb
1.25
1.75
2.50
2.25
2.00
1.50
3706 G13
1.00
TEMPERATURE (°C)
–50
50
75
100
25
–25
0
125
VCC = 7V
LOAD CURRENT (A)
0
85
90
95
20
15
3706 G17
510
25
80
VIN = 36V
VIN = 72V
20μs/DIV
VIN = 48V
VOUT = 3.3V
LOAD STEP = 0A TO 20A
VOUT
100mV/DIV
IOUT
10A/DIV
3706 G18
Gate Driver On-Resistance
vs Temperature
Efficiency (Figure 5)
Load Step (Figure 5)
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
VIN SUPPLY VOLTAGE (V)
0
600.0
600.5
601.0
20
25
15
3706 G11
599.5
510
30
599.0
4.40
4.50
4.65
4.60
4.55
4.45
3706 G16
4.35
4.30
4.25
TEMPERATURE (°C)
–50
50
75
100
25
–25
0
125
VIN RISING
VCC RISING
VCC VOLTAGE (V)
5
1.6
1.7
1.8
9
8
3706 G12
1.5
1.4
1.3
67
10
1.2
PULL-DOWN
PULL-UP
FB Voltage Line Regulation
Undervoltage Lockout
vs Temperature
Gate Driver On-Resistance vs VCC
RFS (kΩ)
50
400
500
600
150
175
125
3706 G09
300
200
100
75
100
200
0
3.995
4.010
4.005
4.000
3706 G10
3.990
TEMPERATURE (°C)
–50
50
75
100
25
–25
0
125
599.5
601.0
600.5
600.0
3706 G15
599.0
TEMPERATURE (°C)
–50
50
75
100
25
–25
0
125
Oscillator Frequency vs RFS
REGSD Shutdown Threshold
vs Temperature
FB Voltage vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com