Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3706IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3706IGN
Description  Secondary-Side Synchronous Forward Controller with PolyPhase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3706IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3706IGN Datasheet HTML 10Page - Linear Technology LTC3706IGN Datasheet HTML 11Page - Linear Technology LTC3706IGN Datasheet HTML 12Page - Linear Technology LTC3706IGN Datasheet HTML 13Page - Linear Technology LTC3706IGN Datasheet HTML 14Page - Linear Technology LTC3706IGN Datasheet HTML 15Page - Linear Technology LTC3706IGN Datasheet HTML 16Page - Linear Technology LTC3706IGN Datasheet HTML 17Page - Linear Technology LTC3706IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3706
14
3706fb
APPLICATIONS INFORMATION
Bias Supply Generation
Figure 2 shows a commonly used method of developing
a VCC bias supply for the LTC3706. During start-up, bias
winding 1 uses a peak detection method to rapidly develop
a VIN voltage for the LTC3706, which in turn drives the
linear regulator that generates the VCC voltage (7V). When
the main output of the converter is in regulation, winding
2 (configured as a forward-style output) is designed to
produce a regulated auxiliary voltage of approximately
7.5V to 8.5V. Since the auxiliary voltage is greater than that
of the linear regulator, the linear regulator will effectively
be shut down. Note that the output inductor L1 must be
adequately large so that its ripple current is continuous
given the amount of VCC load current, thereby providing
a stable output voltage.
Figure 2. Typical Bias Supply Configuration
VIN
LTC3706
4.7Ω
MBRO530
BAS21
FMMT491A
1mH
NDRV
REGSD
RREGSD
CREGSD
4.7μF
16V
WINDING 1
NB1
3706 F02
MAIN
TRANSFORMER
WINDING 2
NB2
•
•
BAS21
1
1μF
50V
VCC
•
The turns ratio (NB1) of the bias winding 1 should be cho-
sen to ensure that there is adequate voltage to operate the
LTC3706 over the entire range for the DC/DC converter’s
input bus voltage (VBUS). This may be calculated using:
NB
VV
V
CC MIN
BUS MIN
1
15
=
+
()
()
.
VCC(MIN) can be as low as 5V (if this provides adequate
gate drive voltage to maintain acceptable efficiency) or as
high as 7V. For VCC(MIN) = 6V and VBUS = 36V to 72V, this
would mean a turns ratio of NB1 ≈ 0.21 and a VIN voltage
range at the LTC3706 of 7.5V to 15V.
Using the bias circuit of Figure 2, the linear regulator
would normally operate only for a brief interval during the
initial soft-start ramp of the main output voltage. Under
some fault conditions (e.g., output overload), the auxiliary
voltage produced by bias winding 2 may decrease below
7V, causing the linear regulator to again supply the VCC
bias current. Since the amount of power dissipation in the
linear regulator pass device may be quite high, it can take
considerable board area when the linear regulator pass
device is sized to handle this power continuously. As an
alternative, the REGSD pin may be used to effectively detect
an overtemperature condition on the linear regulator pass
device and generate a shut down (soft-start retry) before
overheating occurs. This allows for the use of a small (e.g.,
SOT-23) package for the linear regulator pass device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com