Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3706IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3706IGN
Description  Secondary-Side Synchronous Forward Controller with PolyPhase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3706IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC3706IGN Datasheet HTML 1Page - Linear Technology LTC3706IGN Datasheet HTML 2Page - Linear Technology LTC3706IGN Datasheet HTML 3Page - Linear Technology LTC3706IGN Datasheet HTML 4Page - Linear Technology LTC3706IGN Datasheet HTML 5Page - Linear Technology LTC3706IGN Datasheet HTML 6Page - Linear Technology LTC3706IGN Datasheet HTML 7Page - Linear Technology LTC3706IGN Datasheet HTML 8Page - Linear Technology LTC3706IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3706
3
3706fb
ELECTRICAL CHARACTERISTICS The l indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 7V, VIN = 15V, GND = PGND = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VFB
Regulated Feedback Voltage
(Note 4) ITH = 1.2V
l
0.594
0.600
0.606
V
IFB
Feedback Input Current
(Note 4)
2
100
nA
ΔVFB(LINREG)
Feedback Voltage Line Regulation
VIN = 6V to 30V, ITH = 1.2V
0.001
%/V
ΔVFB(LOADREG)
Feedback Voltage Load Regulation
Measured in Servo Loop,
ITH = 0.5V to 2V
l
–0.01
–0.1
%
VISMAX
Maximum Current Sense Threshold
RSENSE Mode, 0V < VIS– < 5V
VIS– = VCC, 0V < VIS+ < 2V (CT Mode)
68
1.15
78
1.28
88
1.4
mV
V
VISOC
Over-Current Shutdown Threshold
RSENSE Mode, 0V < VIS– < 5V
VIS– = VCC, 0V < VIS+ < 2V (CT Mode)
87
1.45
100
1.65
113
1.85
mV
V
gm
Transconductance Amplifier gm
2.40
2.75
3.10
mS
IRUN/SS(C)
Soft-Start Charge Current
VRUN/SS = 2V
–4
–5
–6
μA
IRUN/SS(D)
Soft-Start Discharge Current
3
μA
VRUN/SS
RUN/SS Pin ON Threshold
VRUN/SS Rising
l
0.4
0.45
0.5
V
tON,MIN
Minimum ON Time
200
ns
FG, SG RUP
FG, SG Driver Pull-Up On Resistance
FG, SG Low
1.5
2.3
Ω
FG, SG RDOWN
FG, SG Driver Pull-Down On Resistance
FG, SG High
1.5
2.3
Ω
PT+, PT– RUP
PT+, PT– Driver Pull-Up Resistance
PT+, PT– Low
1.5
2.3
Ω
PT+, PT– RDOWN
PT+, PT– Driver Pull-Down Resistance
PT+, PT– High
1.5
2.3
Ω
ΔVFB(OV)
Output Overvoltage Threshold
VFB Rising
15
17
19
%
VCC Supply
VCCOP
Operating Voltage Range
5
10
V
VCCREG
Regulated Output Voltage
6.6
7.0
7.4
V
ICC
Supply Current
Operating
Shutdown
fOSC = 200kHz (Note 5)
VRUN/SS = GND
4.2
240
mA
μA
VUVLO
UV Lockout
VCC Rising
l
4.52
4.60
4.70
V
VHYS
UV Hysteresis
0.4
V
VIN Supply
VINOP
Operating Voltage Range
5
30
V
IIN
Supply Current
Normal Mode
Shutdown
fOSC = 200kHz
VRUN/SS = GND
900
460
μA
μA
VINUVLO
UV Lockout
VIN Rising
l
3.90
4.30
4.51
V
VINHYS
0.2
V
VREGSD
REGSD Shutdown Threshold
VREGSD Rising
4
V
gm,REGSD
REGSD Transconductance
5
μS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com