Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 7 Page - Texas Instruments

Part # MSP430
Description  MIXED SIGNAL MICROCONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 3Page - Texas Instruments MSP430 Datasheet HTML 4Page - Texas Instruments MSP430 Datasheet HTML 5Page - Texas Instruments MSP430 Datasheet HTML 6Page - Texas Instruments MSP430 Datasheet HTML 7Page - Texas Instruments MSP430 Datasheet HTML 8Page - Texas Instruments MSP430 Datasheet HTML 9Page - Texas Instruments MSP430 Datasheet HTML 10Page - Texas Instruments MSP430 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
MSP430x11x
MIXED SIGNAL MICROCONTROLLERS
SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
special function registers
Most interrupt and module enable bits are collected into the lowest address space. Special function register bits
that are not allocated to a functional purpose are not physically present in the device. Simple software access
is provided with this arrangement.
interrupt enable 1
76
5
4
0
OFIE
WDTIE
32
1
rw-0
rw-0
rw-0
Address
0h
NMIIE
WDTIE:
Watchdog Timer interrupt enable. Inactive if watchdog mode is selected. Active if Watchdog Timer
is configured in interval timer mode.
OFIE:
Oscillator fault enable
NMIIE:
(Non)maskable interrupt enable
interrupt flag register 1
76
5
4
0
OFIFG
WDTIFG
32
1
rw-0
rw-1
rw-(0)
Address
02h
NMIIFG
WDTIFG:
Set on Watchdog Timer overflow (in watchdog mode) or security key violation.
Reset on VCC power-up or a reset condition at RST/NMI pin in reset mode.
OFIFG:
Flag set on oscillator fault
NMIIFG:
Set via RST/NMI-pin
Legend
rw:
rw-0,1:
Bit can be read and written.
Bit can be read and written. It is Reset or Set by PUC
SFR bit is not present in device.
rw-(0,1):
Bit can be read and written. It is Reset or Set by POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com