Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 11 Page - Texas Instruments

Part # MSP430
Description  MIXED SIGNAL MICROCONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 7Page - Texas Instruments MSP430 Datasheet HTML 8Page - Texas Instruments MSP430 Datasheet HTML 9Page - Texas Instruments MSP430 Datasheet HTML 10Page - Texas Instruments MSP430 Datasheet HTML 11Page - Texas Instruments MSP430 Datasheet HTML 12Page - Texas Instruments MSP430 Datasheet HTML 13Page - Texas Instruments MSP430 Datasheet HTML 14Page - Texas Instruments MSP430 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
MSP430x11x
MIXED SIGNAL MICROCONTROLLERS
SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings†
Voltage applied at VCC to VSS
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to any pin (see Note)
−0.3 V to VCC+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Diode current at any device terminal
±2 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg (unprogrammed device)
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg (programmed device)
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE: All voltages referenced to VSS. The JTAG fuse-blow voltage, VFB, is allowed to exceed the absolute maximum rating. The voltage is applied
to the TEST pin when blowing the JTAG fuse.
recommended operating conditions
MIN
NOM
MAX
UNITS
MSP430C11x
2.5
5.5
V
Supply voltage, VCC
MSP430P112
2.7
5.5
V
Supply voltage, VCC
PMS430E112
2.7
5.5
V
Supply voltage during programming, VCC
MSP430P112
4.5
5
5.5
V
Supply voltage during programming, VCC
MSP430E112
4.5
5
5.5
V
MSP430C11x
−40
85
Operating free-air temperature range, TA
MSP430P112
−40
85
°C
Operating free-air temperature range, TA
PMS430E112
25
C
XTAL frequency, f(XTAL),(ACLK signal)
32 768
Hz
Processor frequency f(system) (PMS430P/E112) (MCLK signal)
VCC = 3 V
dc
2
MHz
Processor frequency f(system) (PMS430P/E112) (MCLK signal)
VCC = 5 V
dc
5.35
MHz
Processor frequency f(system) (MCLK signal) (MSP430C11x)
VCC = 3 V
dc
2.73
MHz
Processor frequency f(system) (MCLK signal) (MSP430C11x)
VCC = 5 V
dc
5.35
MHz
5
3
2
1
0
01
2
3
4
45
6
7
2.2 MHz
at 2.5 V
Minimum
VCC − Supply Voltage − V
5.35 MHz
at 5 V
Figure 1. C Version Frequency vs Supply Voltage
NOTE: Minimum processor frequency is defined by system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com