Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 18 Page - Texas Instruments

Part # MSP430
Description  MIXED SIGNAL MICROCONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 18 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 14Page - Texas Instruments MSP430 Datasheet HTML 15Page - Texas Instruments MSP430 Datasheet HTML 16Page - Texas Instruments MSP430 Datasheet HTML 17Page - Texas Instruments MSP430 Datasheet HTML 18Page - Texas Instruments MSP430 Datasheet HTML 19Page - Texas Instruments MSP430 Datasheet HTML 20Page - Texas Instruments MSP430 Datasheet HTML 21Page - Texas Instruments MSP430 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
MSP430x11x
MIXED SIGNAL MICROCONTROLLERS
SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
DCO (MSP430C111, C112)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
f(DCO03)
Rsel = 0, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
0.04
0.07
0.10
MHz
f(DCO03)
Rsel = 0, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
0.04
0.07
0.10
MHz
f(DCO13)
Rsel = 1, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
0.08
0.13
0.18
MHz
f(DCO13)
Rsel = 1, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
0.08
0.13
0.18
MHz
f(DCO23)
Rsel = 2, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
0.15
0.22
0.30
MHz
f(DCO23)
Rsel = 2, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
0.15
0.22
0.30
MHz
f(DCO33)
Rsel = 3, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
0.26
0.36
0.47
MHz
f(DCO33)
Rsel = 3, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
0.26
0.36
0.47
MHz
f(DCO43)
Rsel = 4, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
0.4
0.6
0.8
MHz
f(DCO43)
Rsel = 4, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
0.4
0.6
0.8
MHz
f(DCO53)
Rsel = 5, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
0.8
1.1
1.4
MHz
f(DCO53)
Rsel = 5, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
0.8
1.1
1.4
MHz
f(DCO63)
Rsel = 6, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
1.3
1.7
2.1
MHz
f(DCO63)
Rsel = 6, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
1.5
1.9
2.3
MHz
f(DCO73)
Rsel = 7, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V
2.4
2.9
3.4
MHz
f(DCO73)
Rsel = 7, DCO = 3, MOD = 0, DCOR = 0, TA = 25°C
VCC = 5 V
3.1
3.8
4.5
MHz
f(DCO47)
Rsel = 4, DCO = 7, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V/5 V
FDCO40 FDCO40 FDCO40
MHz
f(DCO47)
Rsel = 4, DCO = 7, MOD = 0, DCOR = 0, TA = 25°C
VCC = 3 V/5 V
FDCO40
x1.8
FDCO40
x2.2
FDCO40
x2.6
MHz
S(Rsel)
SR = fRsel+1/fRsel
VCC = 3 V/5 V
1.4
1.65
1.9
ratio
S(DCO)
SDCO = fDCO+1/fDCO
VCC = 3 V/5 V
1.07
1.12
1.16
ratio
Dt
Temperature drift, Rsel = 4, DCO = 3,
VCC = 3 V
−0.31
−0.36
−0.40
%/
°C
Dt
Temperature drift, Rsel = 4, DCO = 3,
MOD = 0 (see Note 1)
VCC = 5 V
−0.33
−0.38
−0.43
%/
°C
DV
Drift with VCC variation, Rsel = 4, DCO = 3,
MOD = 0 (see Note 1)
VCC = 3 V to 5 V
0
5
10
%/V
NOTE 1: These parameters are not production tested.
35
VCC
Max
Min
Max
Min
f(DCOx7)
f(DCOx0)
0
1
2
3
45
67
DCO Steps
Figure 5. DCO Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com