Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 20 Page - Texas Instruments

Part # MSP430
Description  MIXED SIGNAL MICROCONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 20 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 16Page - Texas Instruments MSP430 Datasheet HTML 17Page - Texas Instruments MSP430 Datasheet HTML 18Page - Texas Instruments MSP430 Datasheet HTML 19Page - Texas Instruments MSP430 Datasheet HTML 20Page - Texas Instruments MSP430 Datasheet HTML 21Page - Texas Instruments MSP430 Datasheet HTML 22Page - Texas Instruments MSP430 Datasheet HTML 23Page - Texas Instruments MSP430 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
MSP430x11x
MIXED SIGNAL MICROCONTROLLERS
SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
EPROM Memory, P- and E- versions only (see Note 1)
PARAMETER
TEST
CONDITIONS
VCC
MIN
NOM
MAX
UNIT
V(PP)
Programming voltage, applied to TEST/VPP
12
12.5
13
V
I(PP)
Current from programming voltage source
70
mA
t(pps)
Programming time, single pulse
5
ms
t(ppf)
Programming time, fast algorithm
100
µs
P(n)
Number of pulses for successful programming
4
100
Pulse
t(erase)
Erase time:
Wave length 2537 Å at 15 Ws/cm2
(UV lamp of 12 mW/ cm2)
30
min
t(erase)
Write/erase cycles
1000
cycles
Data retention Tj < 55
°C
10
Year
NOTES:
1. Refer to the Recommended Operating Conditions for the correct VCC during programming.
JTAG Interface
PARAMETER
TEST
CONDITIONS
VCC
MIN
NOM
MAX
UNIT
fTCK
TCK input frequency
see Note 1
3 V
DC
5
MHz
fTCK
TCK input frequency
see Note 1
5 V
DC
10
MHz
NOTES:
1. fTCK may be restricted to meet the timing requirements of the module selected.
JTAG Fuse (see Note 1)
PARAMETER
TEST
CONDITIONS
VCC
MIN
NOM
MAX
UNIT
VFB
Fuse blow voltage, C versions (see Note 2)
3 V/ 5 V
5.5
6
V
VFB
Fuse blow voltage, E/P versions (see Note 2)
3 V/ 5 V
11
13
V
IFB
Supply current into TEST/VPP during fuse blow
100
mA
tFB
Time to blow fuse
1
ms
NOTES:
1. Once the fuse is blown, no further access to the MSP430 JTAG/Test and emulation features is possible. The JTAG block is switched
to bypass mode.
2. The fuse blow voltage is applied to the TEST/VPP pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com