Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 14 Page - Texas Instruments

Part # MSP430
Description  MIXED SIGNAL MICROCONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 14 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 10Page - Texas Instruments MSP430 Datasheet HTML 11Page - Texas Instruments MSP430 Datasheet HTML 12Page - Texas Instruments MSP430 Datasheet HTML 13Page - Texas Instruments MSP430 Datasheet HTML 14Page - Texas Instruments MSP430 Datasheet HTML 15Page - Texas Instruments MSP430 Datasheet HTML 16Page - Texas Instruments MSP430 Datasheet HTML 17Page - Texas Instruments MSP430 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
MSP430x11x
MIXED SIGNAL MICROCONTROLLERS
SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
Schmitt-trigger inputs Port 1 to Port P2; P1.0 to P1.7, P2.0 to P2.5
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VIT+
Positive-going input threshold voltage
VCC = 3 V
1.2
2.1
V
VIT+
Positive-going input threshold voltage
VCC = 5 V
2.3
3.4
V
VIT−
Negative-going input threshold voltage
VCC = 3 V
0.7
1.5
V
VIT−
Negative-going input threshold voltage
VCC = 5 V
1.4
2.3
V
Vhys
Input voltage hysteresis, (VIT+ − VIT−)
VCC = 3 V
0.3
1
V
Vhys
Input voltage hysteresis, (VIT+ − VIT−)
VCC = 5 V
0.6
1.4
V
standard inputs RST/NMI, TCK, TMS, TDI
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VIL
Low-level input voltage
VCC = 3 V/5 V
VSS
VSS+0.8
V
VIH
High-level input voltage
VCC = 3 V/5 V
0.7xVCC
VCC
V
inputs Px.x, TAx
PARAMETER
TEST CONDITIONS
VCC
MIN
NOM
MAX
UNIT
Port P1, P2: P1.x to P2.x,
3 V/ 5 V
1.5
cycle
t(int)
External Interrupt timing
Port P1, P2: P1.x to P2.x,
External trigger signal for the interrupt flag, (see Note 1)
3 V
540
ns
t(int)
External Interrupt timing
External trigger signal for the interrupt flag, (see Note 1)
5 V
270
ns
3 V/ 5 V
1.5
cycle
t(cap)
Timer_A, capture timing
TA0, TA1, TA2. (see Note 2)
3 V
540
ns
t(cap)
Timer_A, capture timing
TA0, TA1, TA2. (see Note 2)
5 V
270
ns
NOTES:
1. The external signal sets the interrupt flag every time the minimum tint cycle and time parameters are met. It may be set even with
trigger signals shorter than tint. Both the cycle and timing specifications must be met to ensure the flag is set.
2. The external capture signal triggers the capture event every time when the minimum tcap cycles and time parameters are met. A
capture may be triggered with capture signals even shorter than tcap. Both the cycle and timing specifications must be met to ensure
a correct capture of the 16-bit timer value and to ensure the flag is set.
internal signals TAx, SMCLK at Timer_A
PARAMETER
TEST CONDITIONS
VCC
MIN
NOM
MAX
UNIT
f(IN)
Input frequency
Internal TA0, TA1, TA2, tH = tL
3 V
dc
10
MHz
f(IN)
Input frequency
Internal TA0, TA1, TA2, tH = tL
5 V
dc
15
MHz
f(TAint)
Timer_A clock frequency
Internally, SMCLK signal applied
3 V/5 V
dc
fSystem
leakage current (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Ilkg(Px.x)
High-impendance leakage current
Port P1: P1.x, 0
≤ ×≤ 7
(see Note 2)
VCC = 3 V/5 V,
±50
nA
Ilkg(Px.x)
High-impendance leakage current
Port P2: P2.x, 0
≤ ×≤ 5
(see Note 2)
VCC = 3 V/5 V,
±50
nA
NOTES:
1. The leakage current is measured with VSS or VCC applied to the corresponding pin(s), unless otherwise noted.
2. The leakage of the digital port pins is measured individually. The port pin must be selected for input and there must be no optional
pullup or pulldown resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com