Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 15 Page - Texas Instruments

Part # MSP430
Description  MIXED SIGNAL MICROCONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 15 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 11Page - Texas Instruments MSP430 Datasheet HTML 12Page - Texas Instruments MSP430 Datasheet HTML 13Page - Texas Instruments MSP430 Datasheet HTML 14Page - Texas Instruments MSP430 Datasheet HTML 15Page - Texas Instruments MSP430 Datasheet HTML 16Page - Texas Instruments MSP430 Datasheet HTML 17Page - Texas Instruments MSP430 Datasheet HTML 18Page - Texas Instruments MSP430 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
MSP430x11x
MIXED SIGNAL MICROCONTROLLERS
SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
outputs P2x, TAx
PARAMETER
TEST CONDITIONS
VCC
MIN
NOM
MAX
UNIT
f(P20)
Output frequency
P2.0/ACLK,
CL = 20 pF
3 V/5 V
1.1
MHz
f(TAx)
Output frequency
TA0, TA1, TA2,
CL = 20 pF
3 V/5 V
dc
fSystem
MHz
fP20 = 1.1 MHz
40%
60%
t(Xdc)
P2.0/ACLK, CL = 20 pF
fP20 = fXTCLK
3 V/ 5 V
35%
65%
t(Xdc)
Duty cycle of O/P frequency
P2.0/ACLK, CL = 20 pF
fP20 = fXTCLK/n
3 V/ 5 V
50%
t(TAdc)
Duty cycle of O/P frequency
TA0, TA1, TA2,
CL = 20 pF,
Duty cycle = 50%
3 V/ 5 V
0
±50
ns
outputs Port 1 to P2; P1.0 to P1.7, P2.0 to P2.5
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VOH
High-level output voltage
I(OH) = − 1.5 mA,
VCC = 3 V/5 V, See Note 1
VCC−0.4
VCC
V
VOH
High-level output voltage
I(OH) = − 4.5 mA,
VCC = 3 V/5 V, See Note 2
VCC-0.6
VCC
V
VOL
Low-level output voltage
I(OL) = 1.5 mA,
VCC = 3 V/5 V, See Note 1
VSS
VSS+0.4
V
VOL
Low-level output voltage
I(OL) = 4.5 mA,
VCC = 3 V/5 V, See Note 2
VSS
VSS+0.6
V
NOTES:
1. The maximum total current, IOH and IOL, or all outputs combined, should not exceed ±12 mA to hold the maximum voltage drop
specified.
2. The maximum total current, IOH and IOL, or all outputs combined, should not exceed ±36 mA to hold the maximum voltage drop
specified.
optional resistors, individually programmable with ROM code (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
R(opt1)
VCC = 3 V/5 V
2.1
4.1
6.2
k
Ω
R(opt2)
VCC = 3 V/5 V
3.1
6.2
9.3
k
Ω
R(opt3)
VCC = 3 V/5 V
6
12
18
k
Ω
R(opt4)
VCC = 3 V/5 V
10
19
29
k
Ω
R(opt5)
Resistors, individually programmable with ROM code, all port pins,
VCC = 3 V/5 V
19
37
56
k
Ω
R(opt6)
Resistors, individually programmable with ROM code, all port pins,
values applicable for pulldown and pullup
VCC = 3 V/5 V
38
75
113
k
Ω
R(opt7)
values applicable for pulldown and pullup
VCC = 3 V/5 V
56
112
168
k
Ω
R(opt8)
VCC = 3 V/5 V
94
187
281
k
Ω
R(opt9)
VCC = 3 V/5 V
131
261
392
k
Ω
R(opt10)
VCC = 3 V/5 V
167
337
506
k
Ω
NOTE 1: Optional resistors Roptx for pulldown or pullup are not programmed in standard OTP or EPROM devices MSP430P112 or PMS430E112.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com