Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 13 Page - Texas Instruments

Part # MSP430
Description  MIXED SIGNAL MICROCONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 9Page - Texas Instruments MSP430 Datasheet HTML 10Page - Texas Instruments MSP430 Datasheet HTML 11Page - Texas Instruments MSP430 Datasheet HTML 12Page - Texas Instruments MSP430 Datasheet HTML 13Page - Texas Instruments MSP430 Datasheet HTML 14Page - Texas Instruments MSP430 Datasheet HTML 15Page - Texas Instruments MSP430 Datasheet HTML 16Page - Texas Instruments MSP430 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
MSP430x11x
MIXED SIGNAL MICROCONTROLLERS
SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
supply current (into VCC) excluding external current
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
TA = −40°C +85°C, f(MCLK) = f(SMCLK) = 1 MHz, VCC = 3 V
330
400
µA
C11x
TA = −40 C +85 C, f(MCLK) = f(SMCLK) = 1 MHz,
f(ACLK) = 32,768 Hz
VCC = 5 V
630
700
µA
C11x
TA = −40°C +85°C,
VCC = 3 V
3.4
4
µA
I
Active mode
TA = −40 C +85 C,
f(MCLK) = f(SMCLK) = f(ACLK) = 4096 Hz
VCC = 5 V
7.8
10
µA
I(AM)
Active mode
TA = −40°C +85°C,
fMCLK = f(SMCLK) = 1 MHz,
VCC = 3 V
400
500
µA
P112
A
fMCLK = f(SMCLK) = 1 MHz,
f(ACLK) = 32,768 Hz
VCC = 5 V
730
900
µA
P112
TA = −40°C +85°C,
VCC = 3 V
3.4
4
µA
TA = −40 C +85 C,
f(MCLK) = f(SMCLK) = f(ACLK) = 4096 Hz
VCC = 5 V
7.8
10
µA
C11x
TA = −40°C +85°C, fMCLK = 0 MHz,
VCC = 3 V
51
60
I(CPUOff)
Low power mode,
C11x
TA = −40 C +85 C, fMCLK = 0 MHz,
f(SMCLK) = 1 MHz, f(ACLK) = 32,768 Hz
VCC = 5 V
120
150
µA
I(CPUOff)
Low power mode,
(LPM0)
P112
TA = −40°C +85°C, f(MCLK) = 0 MHz,
VCC = 3 V
70
85
µA
(LPM0)
P112
TA = −40 C +85 C, f(MCLK) = 0 MHz,
f(SMCLK) = 1 MHz, f(ACLK) = 32,768 Hz
VCC = 5 V
125
170
I(LPM2)
Low power mode, (LPM2)
TA = −40°C +85°C,
f(MCLK) = f(SMCLK) = 0 MHz,
VCC = 3 V
8
22
µA
I(LPM2)
Low power mode, (LPM2)
A
f(MCLK) = f(SMCLK) = 0 MHz,
f(ACLK) = 32,768 Hz, SCG0 = 0, Rsel = 3
VCC = 5 V
16
35
µA
TA = −40°C
f(MCLK) = f(SMCLK) = 0 MHz,
2
2.6
TA = 25°C
f(MCLK) = f(SMCLK) = 0 MHz,
f(ACLK) = 32,768 Hz,
SCG0 = 1
VCC = 3 V
1.5
2.2
I(LPM3)
Low power mode, (LPM3)
TA = 85°C
f(ACLK) = 32,768 Hz,
SCG0 = 1
VCC = 3 V
1.85
2.2
µA
I(LPM3)
Low power mode, (LPM3)
TA = −40°C
f(MCLK) = f(SMCLK) = 0 MHz,
6.3
8
µA
TA = 25°C
f(MCLK) = f(SMCLK) = 0 MHz,
f(ACLK) = 32,768 Hz, SCG0 = 1
VCC = 5 V
5.1
7
TA = 85°C
f(ACLK) = 32,768 Hz, SCG0 = 1
VCC = 5 V
5.1
7
TA = −40°C
f(MCLK) = f(SMCLK) = 0 MHz,
VCC = 3 V/
0.1
0.8
I(LPM4)
Low power mode, (LPM4)
TA = 25°C
f(MCLK) = f(SMCLK) = 0 MHz,
f(ACLK) = 0 Hz,
SCG0 = 1
VCC = 3 V/
5 V
0.1
0.8
µA
I(LPM4)
Low power mode, (LPM4)
TA = 85°C
f(ACLK) = 0 Hz,
SCG0 = 1
5 V
0.4
1
µA
NOTE: All inputs are tied to VSS or VCC. Outputs do not source or sink any current.
current consumption of active mode versus system frequency
IAM = IAM[1 MHz] × fsystem [MHz]
current consumption of active mode versus supply voltage
IAM = IAM[3 V] + 175 µA/V × (VCC−3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com