Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP430
Description  MIXED SIGNAL MICROCONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 1 Page - Texas Instruments

  MSP430 Datasheet HTML 1Page - Texas Instruments MSP430 Datasheet HTML 2Page - Texas Instruments MSP430 Datasheet HTML 3Page - Texas Instruments MSP430 Datasheet HTML 4Page - Texas Instruments MSP430 Datasheet HTML 5Page - Texas Instruments MSP430 Datasheet HTML 6Page - Texas Instruments MSP430 Datasheet HTML 7Page - Texas Instruments MSP430 Datasheet HTML 8Page - Texas Instruments MSP430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
MSP430x11x
MIXED SIGNAL MICROCONTROLLERS
SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Supply Voltage Range 2.5 V to 5.5 V
D Ultralow-Power Consumption:
− Active Mode: 330
µA at 1 MHz, 3 V
− Standby Mode: 1.5
µA
− Off Mode (RAM Retention): 0.1
µA
D Wake-up From Standby Mode in less
than 6
µs
D 16-Bit RISC Architecture, 200 ns Instruction
Cycle Time
D Basic Clock Module Configurations:
− Various Internal Resistors
− Single External Resistor
− 32 kHz Crystal
− High Frequency Crystal
− Resonator
− External Clock Source
D 16-Bit Timer_A With Three
Capture/Compare Registers
D Serial Onboard Programming
D Program Code Protection by Security Fuse
D Family Members Include:
MSP430C111: 2k Byte ROM, 128 Byte RAM
MSP430C112: 4k Byte ROM, 256 Byte RAM
MSP430P112: 4k Byte OTP, 256 Byte RAM
D EPROM Version Available for Prototyping:
− PMS430E112: 4k Byte EPROM, 256 Byte
RAM
D Available in a 20-Pin Plastic Small-Outline
Wide Body (SOWB) Package, 20-Pin
Ceramic Dual-In-Line (CDIP) Package
(EPROM Only)
D For Complete Module Descriptions, Refer
to the MSP430x1xx Family User’s Guide,
Literature Number SLAU049
description
The Texas Instruments MSP430 family of ultralow
power microcontrollers consist of several devices
featuring different sets of peripherals targeted for
various applications. The architecture, combined
with five low power modes is optimized to achieve
extended battery life in portable measurement
applications. The device features a powerful
16-bit RISC CPU, 16-bit registers, and constant
generators that attribute to maximum code
efficiency. The digitally controlled oscillator (DCO)
allows wake-up from low-power modes to active
mode in less than 6
µs.
The MSP430x11x series is an ultra low-power mixed signal microcontroller with a built in 16-bit timer and
fourteen I/O pins.
Typical applications include sensor systems that capture analog signals, convert them to digital values, and then
process the data and display them or transmit them to a host system. Stand alone RF sensor front-end is another
area of application.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TEST/VPP
VCC
P2.5/ROSC
VSS
XOUT/TCLK
XIN
RST/NMI
P2.0/ACLK
P2.1/INCLK
P2.2/TA0
P1.7/TA2/TDO/TDI
P1.6/TA1/TDI
P1.5/TA0/TMS
P1.4/SMCLK/TCK
P1.3/TA2
P1.2/TA1
P1.1/TA0
P1.0/TACLK
P2.4/TA2
P2.3/TA1
DW PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 1998 − 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - MSP430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430 TI1-MSP430 Datasheet
6Mb / 21P
ULTRA-LOW-POWER MICROCONTROLLERS
MSP430 TI-MSP430 Datasheet
3Mb / 88P
AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
logo
Kentec Electronics (Dis...
MSP430 KENTECDISPLAY-MSP430 Datasheet
198Kb / 3P
Single layer of ITO Glass Sensor with high transmittance
Rev.: 03
logo
Texas Instruments
MSP430 TI2-MSP430 Datasheet
2Mb / 96P
MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
REVISED APRIL 2016
MSP4301103IPWR TI1-MSP4301103IPWR Datasheet
1Mb / 50P
MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com