Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4014 Datasheet(PDF) 2 Page - Texas Instruments

Part # GC4014
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4014 Datasheet(HTML) 2 Page - Texas Instruments

  GC4014 Datasheet HTML 1Page - Texas Instruments GC4014 Datasheet HTML 2Page - Texas Instruments GC4014 Datasheet HTML 3Page - Texas Instruments GC4014 Datasheet HTML 4Page - Texas Instruments GC4014 Datasheet HTML 5Page - Texas Instruments GC4014 Datasheet HTML 6Page - Texas Instruments GC4014 Datasheet HTML 7Page - Texas Instruments GC4014 Datasheet HTML 8Page - Texas Instruments GC4014 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
GRAYCHIP, INC.
- i -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.5
This document contains information which may be changed at any time without notice
REVISION HISTORY
Revision
Date
Description
0.0
1 Dec. 1997
Original
0.1
14 Jan 1998
Page iii, added mask revision table to list of tables
Pages 8, last line, added non-symmetry mode errata
Page 10, footnote, changed “1 milliseconds” to “10 microseconds”.
Page 11, modified Figure 10 (c)
Page 12, first line Section 3.7, changed “output” to “input”.
Page 18, address 1, bit 6, added non-symmetry errata
Page 19, address 4, bits 4-7, corrected bit assignments
Pages 20-21, corrected address numbering for blanking and flush registers
Page 22, address 12, bits 0,1, changed “12 LSBs” to “14 LSBs”.
Page 24, address 16, added mask revision table.
Throughout, corrected table and figure reference
0.2
21 Jan 1998
Page 30, Changed data setup time from 4 to 2 ns.
Page 8, 18 Non-symmetry mode works for parts marked with all mask codes
except 55532B
Page 24, Changed Table 5 to add mask code 55532C
Page 28, Table 7 min and max recommended Vcc changed to 3.1 to 3.5 volts.
Page 28, Table 7 max junction temperature changed to 125C.
0.3
5 Feb 1998
Page 38, Changed 800 to 8000 in Table 17.
Page 38, Changed E5 to EA in note 1, Table 16.
Page 37, Checksum for test4 changed to D2.
0.4
23 Apr 1999
Page 38, Changed CS to CE in the control interface timing description, Table 10
Pages 9,19, Changed GAIN equation from “NARROW*1.97” to “NARROW*0.97 + 1"
Page 28, Table 7, Changed max Vup voltage to 5.5v.
Page 39, New gain application note.
Pages 5, 25, Positive frequency to downconvert.
Pages 36, 37, changed 26 -> 2A for address 00
Page 29, Table 9, changed VIH for CK, CK2X to 2.4V from 2.0V.
Page 29, Table 9, changed IOH/L to +/- 4mA from 2.0mA
Page 30, FCK changed to 64MHz, clock to output changed to 20ns.
0.5
27 Apr 1999
Pages 9,19,33,35,39, changed gain equation G/64 -> G/32
0.6
Pages 6, 38 changed 55 to 56 in gain equations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com