Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4014 Datasheet(PDF) 19 Page - Texas Instruments

Part # GC4014
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4014 Datasheet(HTML) 19 Page - Texas Instruments

Back Button GC4014 Datasheet HTML 15Page - Texas Instruments GC4014 Datasheet HTML 16Page - Texas Instruments GC4014 Datasheet HTML 17Page - Texas Instruments GC4014 Datasheet HTML 18Page - Texas Instruments GC4014 Datasheet HTML 19Page - Texas Instruments GC4014 Datasheet HTML 20Page - Texas Instruments GC4014 Datasheet HTML 21Page - Texas Instruments GC4014 Datasheet HTML 22Page - Texas Instruments GC4014 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
GRAYCHIP, INC.
- 14 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
4.0
PACKAGING
The GC4014 chip comes in a 100 pin thin plastic quad flatpack package
P (0.5mm)
D
VCC PINS: 1, 26, 32, 39, 45, 51, 75
GND PINS: 25, 31, 38, 44, 50, 76, 86,100
100 PIN THIN QUAD FLAT PACK
NOTE: 0.01 to 0.1
µf DECOUPLING CAPACITORS SHOULD BE PLACED
AS CLOSE AS POSSIBLE TO EACH SIDE OF THE CHIP
92
91
89
86
84
83
81
79
77
76
90
88
87
85
82
80
78
95
94
93
29
30
32
35
37
38
40
42
44
45
31
33
34
36
39
41
43
26
27
28
46
47
49
BIN7
BIN9
BIN10
48
50
GND
BIN8
99
97
96
A4
WR
100
98
RD
CE
GND
A1
A
AIN13
59
AIN12
60
AIN11
61
AIN10
62
AIN9
63
AIN8
64
AIN7
65
AIN6
66
AIN5
67
AIN4
68
SI
3
CK
37
4
SO
C7
91
C6
90
C5
89
C4
88
C3
85
C2
84
C1
83
C0
82
CE
99
A4
96
A3
95
A2
94
GC4014
SFS
74
SCK
73
RDY/ACK
81
(MSB)
(MSB)
(MSB)
QUAD
GC4014-PQ: PLASTIC PACKAGE
GC4014-CQ: CERAMIC PACKAGE
VCC
BIN11
CK2X
GND
CK
CIN1
VCC
CIN4
CIN5
GND
BIN12
BIN13
VCC
CIN0
CIN2
CIN3
GND
CIN7
VCC
CIN6
GND
BOUT
RDY/ACK
C1
C2
GND
C5
C7
A0
AOUT
COUT
DOUT
C0
C3
VUP
C4
C6
A2
A3
A1
RECEIVER
A1
93
A0
92
WR
98
RD
97
AIN3
69
AIN2
70
AIN1
71
AIN0
72
CHIP
AOUT /L3
77
BOUT /L2
78
COUT /L1
79
DOUT /L0
80
CK2X
40
CKMODE
2
VUP PIN: 87
L
D1
DIMENSION
PLASTIC
D
CERAMIC
(width pin to pin)
16.0 mm (0.630")
D1 (width body)
14.0 mm (0.551")
P
(pin pitch)
0.5 mm (0.020")
B
(pin width)
0.22 mm (0.009")
L
(leg length)
0.60 mm (0.024")
A
(height)
1.5 mm (0.059")
A1 (pin thickness)
0.15 mm (0.006")
17.2 mm (0.677")
14.0 mm (0.551")
0.5 mm (0.020")
0.20 mm (0.008")
0.70 mm (0.028")
3.1 mm (0.122")
0.2 mm (0.008")
BIN13
41
BIN12
42
BIN11
43
BIN10
46
BIN9
47
BIN8
48
BIN7
49
BIN6
52
BIN5
53
BIN4
54
(MSB)
BIN3
55
BIN2
56
BIN1
57
BIN0
58
CIN13
19
CIN12
20
CIN11
21
CIN10
22
CIN9
23
CIN8
24
CIN7
27
CIN6
28
CIN5
29
CIN4
30
(MSB)
CIN3
33
CIN2
34
CIN1
35
CIN0
36
DIN13
5
DIN12
6
DIN11
7
DIN10
8
DIN9
9
DIN8
10
DIN7
11
DIN6
12
DIN5 /CIN-1
13
DIN4 /CIN-2
14
(MSB)
DIN3 /BIN-1
15
DIN2 /BIN-2
16
DIN1 /AIN-1
17
DIN0 /AIN-2
18
GC4014-PQ
QUAD RCVR
MMMMMM LLL
GRAYCHIP YYWW
MMMMM = Mask Code
LLL = Lot Code
YYWW = Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com