Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4014 Datasheet(PDF) 37 Page - Texas Instruments

Part # GC4014
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4014 Datasheet(HTML) 37 Page - Texas Instruments

Back Button GC4014 Datasheet HTML 33Page - Texas Instruments GC4014 Datasheet HTML 34Page - Texas Instruments GC4014 Datasheet HTML 35Page - Texas Instruments GC4014 Datasheet HTML 36Page - Texas Instruments GC4014 Datasheet HTML 37Page - Texas Instruments GC4014 Datasheet HTML 38Page - Texas Instruments GC4014 Datasheet HTML 39Page - Texas Instruments GC4014 Datasheet HTML 40Page - Texas Instruments GC4014 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
GRAYCHIP, INC.
- 32 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
7.5
GSM APPLICATION
The chip meets the stringent GSM out of band rejection requirements by using the narrow CFIR mode. The
overall response using the narrow CFIR mode and a programmable PFIR filter coefficient set targeted towards GSM
is shown in Figure 11, along with GSM’s out of band rejection mask. In band ripple is 0.2 dB (peak to peak).
Figure 11. Overall Frequency Response for GSM
This response assumes the input sample rate is equal to 8*N*B, where N is the decimation in the CIC filter
(See Section 5.3) and B is the GSM bit rate (270.833 KHz). The data is output as two complex samples per bit
(541.667 KHz) when the PFIR is in the decimate by 2 mode (DEC_BY_4 = 0 in register 13), or is output as one
sample per bit (270.833 KHz) when the PFIR is in the decimate by 4 mode (DEC_BY_4=1).
The programmable PFIR coefficients for the GSM mode are:
1007, -1853, 79, 1807, 1633, 423, 265, 175, -527, -1331, -1454, -1087,
-721, -149, 1008, 1985, 2164, 2005, 1483, 61, -1756, -3134, -3953,
-4016, -2714, 134, 4003, 8361, 12934, 17009, 19565, 20353
GSM Adjacent Channel Requirements
GSM Blocker Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com