Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4014 Datasheet(PDF) 38 Page - Texas Instruments

Part # GC4014
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4014 Datasheet(HTML) 38 Page - Texas Instruments

Back Button GC4014 Datasheet HTML 34Page - Texas Instruments GC4014 Datasheet HTML 35Page - Texas Instruments GC4014 Datasheet HTML 36Page - Texas Instruments GC4014 Datasheet HTML 37Page - Texas Instruments GC4014 Datasheet HTML 38Page - Texas Instruments GC4014 Datasheet HTML 39Page - Texas Instruments GC4014 Datasheet HTML 40Page - Texas Instruments GC4014 Datasheet HTML 41Page - Texas Instruments GC4014 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
GRAYCHIP, INC.
- 33 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
The suggested GSM control register settings for the chip with an input sample rate of 54.166 MHz (N=25)
is shown in Table 12 (other input rates can be used up to 62.5 MHz, 54.166 is used as an example):
The variables SCALE, BIG_SCALE (address 4) and G (address 16HEX of pages 4,5,6,and 7) are set as
follows. The values of SCALE and BIG_SCALE must be set to satisfy:
. N is
25, so (4log2N) is 37.14. This means
, which is satisfied by setting SCALE=1 and
BIG_SCALE=6. SCALE, however, needs to be decreased to 0 to prevent overflow in the CFIR, which has a gain of
1.97. The overall gain is set using “G” according to:
Where COARSE is 0 and PFIR_SUM is 125151. The optimal setting of GAIN is 2.0 in order to compensate for the
loss in the tuning process (See Section 7.9). A value of G=46 (2EHEX) will give a gain of 2.015.
The output serial format is set in address 6 to have a bit rate of one half the chip’s clock rate and to be used
in the packed mode. The user will need to configure the output format as is necessary for the application.
Table 11: GSM Configuration
Control Registers
Channel pages 4,5,6,7
Coefficient Pages
Address
Data
Address
Data
Page 8
Page 9
Page 10
Page 11
00 (HEX)
65 (HEX)1
10 (HEX)
FREQ[0:7]
EF
F1
74
66
01
80->822
11
FREQ[8:15]
03
FD
08
F5
02
19
12
FREQ[16:23]
C3
CD
D5
86
03
00
13
FREQ[24:31]
F8
FA
07
00
04
60
14
00 (HEX)
4F
52
CB
A3
05
00
15
00
00
FA
05
0F
06
11
16
2E
0F
C1
3D
A9
07
00
17
00
07
FB
00
20
08
50
18
5F
61
2F
24
86
09
55
19
06
FD
F9
32
0A
FF
1A
A7
6B
C2
71
0B
FF
1B
01
FF
F3
42
0C
08
1C
09
F0
8F
6D
0D
1P3
1D
01
03
F0
4C
0E
00
1E
AF
C1
50
81
0F
read only
1F
00
07
F0
4F
1. Initialize to 65 while configuring the chip(s), then set to E5, then back to 65 to fire off the one-shot sync.This
assumes that SO is tied to SI
2. Initialize to 80, then set to 82 after external coefficients are loaded.
3. “P” is the page number. The upper nibble should stay at “1¨.
SCALE
6
BIG_SCALE
×
+
()
56
4log
2N
–
()
≤
SCALE
6
BIG_SCALE
×
+
() 37
≤
GAIN
25
4
2
36
56
–
()
{} 2COARSE
[] 1.97
{} PFIR_SUM
65536
-------------------
{} G
32
------
0.0438G
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com