Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4014 Datasheet(PDF) 30 Page - Texas Instruments

Part # GC4014
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4014 Datasheet(HTML) 30 Page - Texas Instruments

Back Button GC4014 Datasheet HTML 26Page - Texas Instruments GC4014 Datasheet HTML 27Page - Texas Instruments GC4014 Datasheet HTML 28Page - Texas Instruments GC4014 Datasheet HTML 29Page - Texas Instruments GC4014 Datasheet HTML 30Page - Texas Instruments GC4014 Datasheet HTML 31Page - Texas Instruments GC4014 Datasheet HTML 32Page - Texas Instruments GC4014 Datasheet HTML 33Page - Texas Instruments GC4014 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
GRAYCHIP, INC.
- 25 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
5.17
CHANNEL CONTROL PAGES (PAGES 4, 5, 6, 7)
Pages 4, 5, 6 and 7 contain the frequency, phase, gain and control settings for the four channels. To
configure channels A, B, C and D use pages 4, 5, 6 and 7 respectfully. All registers are read/write.
ADDRESSES 16, 17, 18, 19: Frequency
ADDRESS
NAME
DESCRIPTION
16
FREQ[0:7]
Byte 0 (LSBs) of FREQ
17
FREQ[8:15]
Byte 1 of FREQ
18
FREQ[16:23]
Byte 2 of FREQ
19
FREQ[24:31]
Byte 3 (MSBs) of FREQ
The 32 bit frequency control word is defined as:
FREQ = 232F/FCK
where F is the desired tuning frequency and FCK is the chip’s clock rate (not the CK2X rate). Use positive frequency
values to downconvert signals. Use negative frequency values to invert the signal’s spectrum. The 32 bit 2’s
complement frequency words are entered as four bytes, the least significant byte in the lowest address, the most
significant in the highest address.
ADDRESSES 20, 21: Phase
ADDRESS
NAME
DESCRIPTION
20
PHASE[0:7]
Byte 0 (LSBs) of PHASE
21
PHASE[8:15]
Byte 1 (MSBs) of PHASE
The 16 bit phase offset is defined as:
PHASE = 216P/2
π
where P is the desired phase in radian from 0 to 2
π.
ADDRESS 22: Gain
, suggested default = 0x80
ADDRESS
NAME
DESCRIPTION
22
G[0:7]
Byte 0 (LSBs) of G
The upper two bits of G are stored in control register 5. Note that G is only part of the chip’s gain and should
be used in conjunction with SCALE, BIG_SCALE and COARSE. See Sections 5.4 and 5.5 for details. See Section
7.9 for a discussion on how to optimally set the gain of the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com