Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4014 Datasheet(PDF) 36 Page - Texas Instruments

Part # GC4014
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4014 Datasheet(HTML) 36 Page - Texas Instruments

Back Button GC4014 Datasheet HTML 32Page - Texas Instruments GC4014 Datasheet HTML 33Page - Texas Instruments GC4014 Datasheet HTML 34Page - Texas Instruments GC4014 Datasheet HTML 35Page - Texas Instruments GC4014 Datasheet HTML 36Page - Texas Instruments GC4014 Datasheet HTML 37Page - Texas Instruments GC4014 Datasheet HTML 38Page - Texas Instruments GC4014 Datasheet HTML 39Page - Texas Instruments GC4014 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
GRAYCHIP, INC.
- 31 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
7.0
APPLICATION NOTES
7.1
POWER AND GROUND CONNECTIONS
The GC4014 chip is a very high performance chip which requires solid power and ground connections to
avoid noise on the VCC and GND pins. If possible the GC4014 chip should be mounted on a circuit board with
dedicated power and ground planes and with at least two decoupling capacitors (0.01 and 0.1
µf) adjacent to each
GC4014 chip. If dedicated power and ground planes are not possible, then the user should place decoupling
capacitors adjacent to each VCC and GND pair.
IMPORTANT
The GC4014 chip may not operate properly if these power and ground guidelines are violated.
7.2
STATIC SENSITIVE DEVICE
The GC4014 chip is fabricated in a high performance CMOS process which is sensitive to the high voltage
transients caused by static electricity. These parts can be permanently damaged by static electricity and should only
be handled in static free environments.
7.3
SYNCHRONIZING MULTIPLE GC4014 CHIPS
A system containing two or more GC4014 chips will need to be synchronized if coherent operation is
desired. To synchronize multiple GC4014 chips connect all of the sync input pins together so they can be driven by
a common sync strobe. The common sync strobe can be from an external source, or can be the sync output from
one of the chips. If the sync output from one of the chips is used, then the user can choose to output a one shot sync
pulse from that chip, or the terminal count from the chip’s sync counter. If the terminal count is used, then the sync
cycle must be a multiple of 8N and the FLUSH (Address 9), NCO_SYNC and DITHER_SYNC (Address 24 of each
channel page) syncs must be set to “never” (see Table 4) after initial synchronization.
7.4
THERMAL MANAGEMENT
The junction temperature must be kept below 125
°C for reliable operation. The chip’s power dissipation
should be calculated using the equation for supply current in Section 6.5 and then the chip’s junction temperature
can be calculated using the package’s thermal conductivity shown in Section 6.3. At full rate operation (FCK=62.5)
the power is 1.3 Watts and the junction to ambient rise is 32 degrees per Watt for the plastic package. This
represents a rise of 42 degrees over ambient. This means that under these conditions the ambient temperature has
to be less than 83
°C. Air flow will decrease the thermal resistance by 10% to 40%, allowing ambient temperatures
between 87
°C and 100 °C. Increasing the decimation ratio (N) or decreasing the number of active channels (A) will
also allow a higher ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com