Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4014 Datasheet(PDF) 25 Page - Texas Instruments

Part # GC4014
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4014 Datasheet(HTML) 25 Page - Texas Instruments

Back Button GC4014 Datasheet HTML 21Page - Texas Instruments GC4014 Datasheet HTML 22Page - Texas Instruments GC4014 Datasheet HTML 23Page - Texas Instruments GC4014 Datasheet HTML 24Page - Texas Instruments GC4014 Datasheet HTML 25Page - Texas Instruments GC4014 Datasheet HTML 26Page - Texas Instruments GC4014 Datasheet HTML 27Page - Texas Instruments GC4014 Datasheet HTML 28Page - Texas Instruments GC4014 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
GRAYCHIP, INC.
- 20 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
5.6
OUTPUT FORMAT REGISTER
This register controls the output bit serial format.
ADDRESS 6:
Output Format Register
, suggested default = 0x01
BIT
TYPE
NAME
DESCRIPTION
0-3 LSB
R/W
RATE[0:3]
The bit serial rate is set at FCK2
-RATE, where RATE can range from 0 to 10. If RATE=0,
the SCK pin will not toggle and the serial rate is equal to the clock rate.
4
R/W
PACKED
Puts the serial outputs into 32 bit transfer mode where each complex pair is packed
into 32 bit words. The complex pair is formatted as I word in the upper byte and the Q
word in the lower byte. Each word is formatted as MSB first.
5
R/W
CONTINUOUS
The serial clock normally stops when the last bit of each transmission is complete and
stays low until the next OSP.
6
R/W
SCK_POL
This bit inverts the polarity of the serial clock. Normally SOUT and SFS change on the
rising edge of SCK. They change on the trailing edge when this bit is set.
7 MSB
R/W
SFS_POL
The SFS signal is treated as active low when this bit is set. Otherwise the signal is
treated as active high.
5.7
OUTPUT MODE REGISTER
This register controls the output summation, multiplexing and rounding.
ADDRESS 7:
Output Mode Register
, suggested default = 0x00
BIT
TYPE
NAME
DESCRIPTION
0,1 LSB
R/W
SUM_MODE
The channel outputs are replaced by the sum of outputs as shown in Table 1 of
Section 3.5
2,3
R/W
MUX_MODE
The outputs are multiplexed as described in Section 3.6.2.
4
R/W
RND8
Round into the 8 MSBs of the 16 bit output words.
5
R/W
RND10
Round into the 10 MSBs of the 16 bit output words.
6
R/W
RND12
Round into the 12 MSBs of the 16 bit output words.
7 MSB
R/W
RND14
Round into the 14 MSBs of the 16 bit output words.
Only one round control bit can be set. If none are set the output is 16 bits. Bits below the rounding point are
set to zero.
5.8
BLANKING CONTROL REGISTER
This register controls the blanking mode.
ADDRESS 8:
Blank Control Register
, suggested default = 0x50, power up reset to 0.
BIT
TYPE
NAME
DESCRIPTION
0-3 LSB
R/W
BLANK_RATE
The number of zeroes to insert between each sample in the
blanking mode. Ranges from 0 to 15.
4,5
R/W
BLANK_SYNC
The sync selection from Table 4 for synchronizing the zero
stuffing.
6
R/W
OUTPUT_ENABLE
Turns on the serial output pins including SFS and SCK. RDY is
also turned on if LINK_MODE is off (See Section 5.2).
7 MSB
R/W
RAM_TEST
Used for factory tests. Should be kept low.
Blanking is turned on for each channel using the channel mode register in each channel’s control page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com