Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4014 Datasheet(PDF) 31 Page - Texas Instruments

Part # GC4014
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4014 Datasheet(HTML) 31 Page - Texas Instruments

Back Button GC4014 Datasheet HTML 27Page - Texas Instruments GC4014 Datasheet HTML 28Page - Texas Instruments GC4014 Datasheet HTML 29Page - Texas Instruments GC4014 Datasheet HTML 30Page - Texas Instruments GC4014 Datasheet HTML 31Page - Texas Instruments GC4014 Datasheet HTML 32Page - Texas Instruments GC4014 Datasheet HTML 33Page - Texas Instruments GC4014 Datasheet HTML 34Page - Texas Instruments GC4014 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
GRAYCHIP, INC.
- 26 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
ADDRESS 23:
Channel Control
, suggested default = 0x0, power up reset to 0.
BIT
TYPE
NAME
DESCRIPTION
0,1 LSB
R/W
INPUT
This two bit field selects which chip input should be used by the
channel. INPUT = 0,1,2 and 3 correspond to inputs A, B, C and
D.
2
R/W
DIAG
Use the diagnostic source as the channel input. See Address 12
(Section 5.11).
3
R/W
BLANK
Turn on blanking for this channel. See address 8, Section 5.8
4-6
R/W
COARSE
The COARSE gain setting used for this channel. See Sections
5.4 and 5.5 for details.
7 MSB
R/W
POWER_DOWN
Used to force the channel into the power down state.
ADDRESS 24:
Channel Sync Modes
, suggested default = 0x5f
BIT
TYPE
NAME
DESCRIPTION
0,1 LSB
R/W
FREQ_SYNC
The new frequency setting takes affect on this sync.
2,3
R/W
PHASE_SYNC
The new phase offset takes affect on this sync
4,5
R/W
NCO_SYNC
The NCO is initialized to the phase setting by this sync
6,7 MSB
R/W
DITHER_SYNC
The dither circuit is initialized by this sync to zero.
These syncs use the selections shown in Table 4.
The NCO_SYNC is usually set to be always off, unless the user wants to coherently control the phases of
multiple channels.
The FREQ_SYNC and PHASE_SYNC are typically set to be always on so that frequency and phase
settings will take effect immediately as they are written into their control registers.
The DITHER_SYNC is used to turn on or off the dithering of the NCO phase. To turn off dithering set the
DITHER_SYNC to be always on so that it remains initialized to zero. To turn dithering on set the sync to be always
off.
During diagnostics the NCO_SYNC and DITHER_SYNC should be set to “TC”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com