Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC10 Datasheet(PDF) 8 Page - Texas Instruments

Part # THMC10
Description  REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC10 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THMC10 Datasheet HTML 4Page - Texas Instruments THMC10 Datasheet HTML 5Page - Texas Instruments THMC10 Datasheet HTML 6Page - Texas Instruments THMC10 Datasheet HTML 7Page - Texas Instruments THMC10 Datasheet HTML 8Page - Texas Instruments THMC10 Datasheet HTML 9Page - Texas Instruments THMC10 Datasheet HTML 10Page - Texas Instruments THMC10 Datasheet HTML 11Page - Texas Instruments THMC10 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
THMC10
REMOTE/LOCAL TEMPERATURE MONITOR
WITH SMBus INTERFACE
SLIS089 – DECEMBER 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
SMBus registers and addresses
Table 1. ADD{0:1} SMBus Slave Address Map
ADD0
ADD1
RESULTING THMC10 SMBus
SLAVE ADDRESS
0
0
0011 000
0
3-State
0011 001
0
1
0011 010
3-State
0
0101 001
3-State
3-State
0101 010
3-State
1
0101 011
1
0
1001 100
1
3-State
1001 101
1
1
1001 110
Table 2. SDATA Temperature Data Format (In 8-Bit, 2s Complement)
TEMPERATURE
(
°C)
ROUNDED
DIGITAL OUTPUT
130.00
127
0 111 1111
127.00
127
0 111 1111
126.60
127
0 111 1111
25.25
25
0 001 1001
0.50
1
0 000 0001
0.25
0
0 000 0000
0.00
0
0 000 0000
–0.25
0
0 000 0000
–0.50
0
0 000 0000
–0.75
–1
1 111 1111
–1.00
–1
1 111 1111
–25.00
–25
1 110 0111
–25.25
–26
1 110 0110
–54.75
–55
1 100 1001
–55.00
–55
1 100 1001
–65.00
–65
1 011 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com