Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC10 Datasheet(PDF) 3 Page - Texas Instruments

Part # THMC10
Description  REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC10 Datasheet(HTML) 3 Page - Texas Instruments

  THMC10 Datasheet HTML 1Page - Texas Instruments THMC10 Datasheet HTML 2Page - Texas Instruments THMC10 Datasheet HTML 3Page - Texas Instruments THMC10 Datasheet HTML 4Page - Texas Instruments THMC10 Datasheet HTML 5Page - Texas Instruments THMC10 Datasheet HTML 6Page - Texas Instruments THMC10 Datasheet HTML 7Page - Texas Instruments THMC10 Datasheet HTML 8Page - Texas Instruments THMC10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
THMC10
REMOTE/LOCAL TEMPERATURE MONITOR
WITH SMBus INTERFACE
SLIS089 – DECEMBER 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ADD0
10
I
SMBus address select terminal 0 (Note: Excess capacitance on this terminal may cause SMBus address
recognition problems.)
ADD1
6
I
SMBus address select terminal 1 (Note: Excess capacitance on this terminal may cause SMBus address
recognition problems.)
ALERT
11
O
Active low temperature interrupt signal
DXN
4
I/O
Current sink for external diode connected transistor and A/D negative input (Do not leave floating if no external
diode is used – should be tied to GND.)
DXP
3
I/O
Current source for external diode connected transistor and A/D positive input
GND
7, 8
I
IC ground
N/C
1, 5, 9,
13, 16
N/C
No connection
SCLK
14
I
SMBus serial clock input terminal – clock signal for SMBus serial data
SDATA
12
I/O
SMBus serial data I/O terminal – serial data I/O for SMBus
STBY
15
I
Active low standby mode input
VDD
2
I
IC supply voltage – should be decoupled with external 0.1
µF capacitor
absolute maximum ratings over operating case temperature (see Note 1) (unless otherwise noted)†
Input voltage on:
VDD supply terminal, V(DDIN)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O terminals, V(IOIN)
–0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SMBus terminals, V(SMBIN)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DXN terminal, V(DXN)
–0.3 V to 0.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SMBus input/output current, I(SMBIN)
–1 mA to 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DXN input current, I(DXN)
–1 mA to 1 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation, PD
330 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
–65
°C to 165°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 sec), T(LEAD)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.
recommended operating conditions
MIN
MAX
UNITS
Supply voltage, VDD
3
3.6
V
SMBus input high voltage, VIH
2.2
V
SMBus input low voltage, VIL
0.8
V
SMBus operating frequency, f(SCLK)
10
100
kHz
Operating ambient temperature, TA
0
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com