Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC10 Datasheet(PDF) 12 Page - Texas Instruments

Part # THMC10
Description  REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC10 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THMC10 Datasheet HTML 8Page - Texas Instruments THMC10 Datasheet HTML 9Page - Texas Instruments THMC10 Datasheet HTML 10Page - Texas Instruments THMC10 Datasheet HTML 11Page - Texas Instruments THMC10 Datasheet HTML 12Page - Texas Instruments THMC10 Datasheet HTML 13Page - Texas Instruments THMC10 Datasheet HTML 14Page - Texas Instruments THMC10 Datasheet HTML 15Page - Texas Instruments THMC10 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
THMC10
REMOTE/LOCAL TEMPERATURE MONITOR
WITH SMBus INTERFACE
SLIS089 – DECEMBER 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
SMBus slave address select terminals (ADD0 and ADD1)
The ADD0 and ADD1 terminals allow the user to select between nine unique SMBus slave addresses to allow
up to nine THMC10 devices to be used by the same SMBus host controller. The following truth table shows how
the voltage at ADD0 and ADD1 determines the SMBus slave address of the THMC10.
Table 8. SMBus Slave Address Map (ADD0 and ADD1)
ADD0
ADD1
RESULTING SMBus ADDRESS
0
0
0011 000
0
3-State
0011 001
0
1
0011 010
3-State
0
0101 001
3-State
3-State
0101 010
3-State
1
0101 011
1
0
1001 100
1
3-State
1001 101
1
1
1001 110
SMBus serial clock input terminal (SCLK)
The SCLK terminal allows the host controller to send a clock signal that synchronizes the data coming into or
out of the SDATA terminal of the THMC10. The frequency of this clock can be anywhere between 10 kHz and
100 kHz. Timing diagrams showing the relationship of SCLK to SDATA are shown in Figure 1 through Figure 4.
SMBus serial data input/output terminal (SDATA)
The SDATA terminal allows the host controller to program the THMC10 with set points and with configuration
data. The SDATA terminal also allows the THMC10 to send data back to the host controller (remote and local
temperature, interrupt status, etc.). Data sent into or out of the SDATA terminal is synchronous with the rising
edge of SCLK. Timing diagrams in Figure 1 through Figure 5 show the relationship between SDATA and SCLK.
Table 1 through Table 5 show the THMC10 register maps that are used to configure and read the THMC10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com