Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC10 Datasheet(PDF) 4 Page - Texas Instruments

Part # THMC10
Description  REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC10 Datasheet(HTML) 4 Page - Texas Instruments

  THMC10 Datasheet HTML 1Page - Texas Instruments THMC10 Datasheet HTML 2Page - Texas Instruments THMC10 Datasheet HTML 3Page - Texas Instruments THMC10 Datasheet HTML 4Page - Texas Instruments THMC10 Datasheet HTML 5Page - Texas Instruments THMC10 Datasheet HTML 6Page - Texas Instruments THMC10 Datasheet HTML 7Page - Texas Instruments THMC10 Datasheet HTML 8Page - Texas Instruments THMC10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
THMC10
REMOTE/LOCAL TEMPERATURE MONITOR
WITH SMBus INTERFACE
SLIS089 – DECEMBER 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
dc electrical characteristics, VDD = 3.3 V, TA = 25°C (unless otherwise noted)
A/D and supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
T(RES)
Temperature resolution
No missed codes
1
°C
T(ERR1)
Initial temperature error from internal
TA = 60°C to 100°C
–2
2
°C
T(ERR1)
diode
TA = full range
–3
3
°C
T(ERR2)
Initial temperature error from external
TA = 60°C to 100°C
–2.5
2.5
°C
T(ERR2)
diode (see Note 2)
TA = full range
–3.5
3.5
°C
V(UVLOCK)
Under voltage lockout voltage
VDD input, disables acquisition, rising edge
2.65
2.8
2.95
V
V(POR)
Power-up reset threshold
On VDD input, falling edge
1
2.25
2.5
V
I(DD STANDBY)
VDD standby supply current
Logic inputs forced to VDD or GND,
STBY mode, SMBus is static
3
10
µA
I(DD,STANDBY)
VDD standby supply current
Logic inputs forced to VDD or GND,
STBY mode, SCLK = 10 kHz
4
µA
IDD
VDD operating supply current (aver-
aged over 4 seconds in auto acquire
Slow auto-aquire rate (0.25 samples/sec)
40
70
µA
IDD
aged over 4 seconds in auto-acquire
mode)
Fast auto-aquire rate (2 samples/sec)
45
180
µA
V(D,SOURCE)
DXN source voltage
0.7
V
I(DLEAK)
DXP and DXN leakage current
STBY = 0, DXP = DXN = 0
2
µA
I(ADD,BIAS)
Add {0:1} bias current
Momentary on power up
35
100
µA
I(DIODE)
Diode source current
DXP = 1.5 V, high level
100
µA
I(DIODE)
Diode source current
DXP = 1.5 V, low level
10
µA
I(RATIO)
Diode source current ratio
DXP
+ 1.5 V,
high level
low level
9.7
10
10.2
BasedonT(
°C) +
q
DV
BE
nk [ln(10)]
* 273
Where
q = 1.6
× 10–19
(charge)
n = 1.0085
(diode ideality factor)
k = 1.38
× 10–23
(Boltzman’s constant)
NOTE 2:
SMBus
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIH
Input high voltage
2.2
V
VIL
Input low voltage
0.8
V
IOL1
SMBus output low current
SDATA = 0.6 V
6
mA
IOL2
ALERT output low current
ALERT = 0.4 V
1
mA
II
SMBus input current
–1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com