Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC10 Datasheet(PDF) 10 Page - Texas Instruments

Part # THMC10
Description  REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC10 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THMC10 Datasheet HTML 6Page - Texas Instruments THMC10 Datasheet HTML 7Page - Texas Instruments THMC10 Datasheet HTML 8Page - Texas Instruments THMC10 Datasheet HTML 9Page - Texas Instruments THMC10 Datasheet HTML 10Page - Texas Instruments THMC10 Datasheet HTML 11Page - Texas Instruments THMC10 Datasheet HTML 12Page - Texas Instruments THMC10 Datasheet HTML 13Page - Texas Instruments THMC10 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
THMC10
REMOTE/LOCAL TEMPERATURE MONITOR
WITH SMBus INTERFACE
SLIS089 – DECEMBER 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
SMBus registers and addresses (continued)
Table 6. Acquistion Rate Register Bit Assignments
DATA
ACQUISITION RATE
(Hz)
AVERAGE SUPPLY CURRENT
(
µA TYPICAL AT VDD=3.3V)
00h
0.0625
40
01h
0.125
40
02h
0.25
40
03h
0.5
40
04h
1
42
05h
2
45
06h
4
55
07h
8
65
08h to FFh
Reserved
N/A
Table 7. Alert Response Address Map
(Using Receive Byte Format in Figure 5)
THMC10 ALERT RESPONSE
SMBUS SLAVE ADDRESS
ADD1
ADD0
DATA IF
ALERT LOW
0001 100
0
0
0011 000
0001 100
0
3-State
0011 001
0001 100
0
1
0011 010
0001 100
3-State
0
0101 001
0001 100
3-State
3-State
0101 010
0001 100
3-State
1
0101 011
0001 100
1
0
1001 100
0001 100
1
3-State
1001 101
0001 100
1
1
1001 110
functional description
standby input (STBY)
Standby mode disables the A/D and reduces the supply current drain to less than 10
µA.
Standby mode is engaged by forcing the STBY terminal low or by setting the
start/stop bit in the configuration
byte register to a 1.
Hardware and software standby modes behave almost identically. All data is retained in memory and the SMBus
interface is active and scanning for reads and writes. The only difference is that in hardware standby mode, the
one-shot command does not initiate an acquisition. The standby mode is not a shutdown mode. With activity
on the SMBus, extra supply current is drawn (see A/D and supply dc electrical characteristics). In the software
standby mode, the THMC10 can be forced to perform temperature acquisitions via the one-shot command,
despite the
start/stop bit being high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com