Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC10 Datasheet(PDF) 9 Page - Texas Instruments

Part # THMC10
Description  REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC10 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THMC10 Datasheet HTML 5Page - Texas Instruments THMC10 Datasheet HTML 6Page - Texas Instruments THMC10 Datasheet HTML 7Page - Texas Instruments THMC10 Datasheet HTML 8Page - Texas Instruments THMC10 Datasheet HTML 9Page - Texas Instruments THMC10 Datasheet HTML 10Page - Texas Instruments THMC10 Datasheet HTML 11Page - Texas Instruments THMC10 Datasheet HTML 12Page - Texas Instruments THMC10 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
THMC10
REMOTE/LOCAL TEMPERATURE MONITOR
WITH SMBus INTERFACE
SLIS089 – DECEMBER 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
SMBus registers and addresses (continued)
Table 3. Address Pointer Register Map
REGISTER
ADDRESS
POINTER
POR STATE
FUNCTION
RIT
00h
0000 0000†
Read internal temperature
RET
01h
0000 0000†
Read external temperature
RS
02h
0000 0000
Read status byte
RC
03h
0000 0000
Read configuration byte
RCR
04h
0000 0010
Read acquisition rate byte
RIHL
05h
0111 1111
Read internal high limit
RILL
06h
1100 1001
Read internal low limit
REHL
07h
0111 1111
Read external high limit
RELL
08h
1100 1001
Read external low limit
WC
09h
N/A
Write configuration byte
WCR
0Ah
N/A
Write acquisition rate byte
WIHL
0Bh
N/A
Write internal high threshold
WILL
0Ch
N/A
Write internal low threshold
WEHL
0Dh
N/A
Write external high threshold
WELL
0Eh
N/A
Write external low threshold
OSHT
0Fh
N/A
One-shot (uses send byte format)
MFG ID
FEh
0100 1001
Read manufacturer ID (0
×49 for TI)
REV ID
FFh
N/A
Read silicon revision number
† If the THMC10 is in standby
Table 4. Configuration Register Bit Assignments
BIT
NAME
POR STATE
FUNCTION
7 (MSB)
MASK
0
Masks ALERT interrupts if high.
6
Run/stop
0
Standby mode control bit, if high, standby mode is initiated. (Note: Does not disable SMBus Interface)
5 to 0
Reserved
Table 5. Status Register Bit Assignments
BIT
NAME
POR STATE
FUNCTION
7 (MSB)
BUSY
0
A/D is busy acquiring when high.
6
LHIGH†
0
Internal high-temperature alarm has tripped when high, cleared by power-on reset (POR) or readout of
entire status byte.
5
LLOW†
0
Internal low-temperature alarm has tripped when high, cleared by POR or readout of entire status byte.
4
RHIGH†
0
External high-temperature alarm has tripped when high, cleared by POR or readout of entire status byte.
3
RLOW†
0
External low-temperature alarm has tripped when high, cleared by POR or readout of entire status byte.
2
OPEN†
0
A high indicates an external diode open.
1 to 0
0
Reserved
† These flags stay high until cleared by POR or until the status byte register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com