Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC10 Datasheet(PDF) 1 Page - Texas Instruments

Part # THMC10
Description  REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC10 Datasheet(HTML) 1 Page - Texas Instruments

  THMC10 Datasheet HTML 1Page - Texas Instruments THMC10 Datasheet HTML 2Page - Texas Instruments THMC10 Datasheet HTML 3Page - Texas Instruments THMC10 Datasheet HTML 4Page - Texas Instruments THMC10 Datasheet HTML 5Page - Texas Instruments THMC10 Datasheet HTML 6Page - Texas Instruments THMC10 Datasheet HTML 7Page - Texas Instruments THMC10 Datasheet HTML 8Page - Texas Instruments THMC10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
THMC10
REMOTE/LOCAL TEMPERATURE MONITOR
WITH SMBus INTERFACE
SLIS089 – DECEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Two-Wire SMBus Serial Interface
D On-Chip and External Diode-Connected
Transistor Temperature Monitoring
–
±2.5°C Accuracy for On-Die
–
±3°C Accuracy for External
D Programmable Under/Overtemperature
Limits
D Under/Overtemperature Interrupt Signal to
Host Controller
D Low Operating Current ...35 µA (Average)
D Low Standby Current ...3 µA
D 3-V to 3.6-V Supply Voltage Range
description
The THMC10 is a dual digital temperature monitor with under/overtemperature alerts intended for use in
personal computer systems or any other system requiring local as well as remote temperature monitoring and
management (e.g., servers and workstations). The device may be used in smart battery applications and
memory modules. The device is designed to measure the temperature on a microprocessor using a
diode-connected transistor on the microprocessor die, such as the one present on the Intel® Pentium® II, III,
and the Sun® UltraSPARC
™. The device may also be used with a low-cost, diode-connected, discrete transistor,
such as a 2N3904 or 2N3906, for remote temperature sensing applications.
The THMC10 uses a two-current measurement technique on a single diode-connected transistor that cancels
the absolute value of the remote transistor’s VBE; therefore, no calibration is needed. The second channel
measures an on-chip temperature sensor which can be used to monitor the ambient temperature in the
THMC10’s operating environment.
The THMC10 uses a two-wire, SMBus interface to report temperature in an 8-bit, 2s complement format in
°C.
Under/overtemperature limits for both the on-chip and remote temperature sensors are user programmable via
the SMBus interface. The ALERT terminal can be used as an interrupt or SMBus alert function to indicate
under/overtemperature. The STBY terminal and the
start/stop bit in the SMBus interface allow the device to
enter a low current standby mode (typically <10
µA).
The THMC10 also provides diagnostics via the ALERT terminal and the SMBus interface for an open remote
sensor connection or if the sensor connection is shorted to VDD.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Intel and Pentium are registered trademarks of Intel Corporation.
Sun is a registered trademark and UltraSPARC is a trademark of Sun Microsystems.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
N/C
VDD
DXP
DXN
N/C
ADD1
GND
GND
N/C
STBY
SCLK
N/C
SDATA
ALERT
ADD0
N/C
SSOP DBQ Package
(TOP VIEW)
THMC10


Similar Part No. - THMC10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THMC10DBQR TI1-THMC10DBQR Datasheet
374Kb / 22P
REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
More results

Similar Description - THMC10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THMC50 TI-THMC50 Datasheet
437Kb / 32P
REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC50 TI1-THMC50_08 Datasheet
537Kb / 34P
REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com