Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMC10 Datasheet(PDF) 14 Page - Texas Instruments

Part # THMC10
Description  REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC10 Datasheet(HTML) 14 Page - Texas Instruments

Back Button THMC10 Datasheet HTML 10Page - Texas Instruments THMC10 Datasheet HTML 11Page - Texas Instruments THMC10 Datasheet HTML 12Page - Texas Instruments THMC10 Datasheet HTML 13Page - Texas Instruments THMC10 Datasheet HTML 14Page - Texas Instruments THMC10 Datasheet HTML 15Page - Texas Instruments THMC10 Datasheet HTML 16Page - Texas Instruments THMC10 Datasheet HTML 17Page - Texas Instruments THMC10 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
THMC10
REMOTE/LOCAL TEMPERATURE MONITOR
WITH SMBus INTERFACE
SLIS089 – DECEMBER 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
PC board layout considerations
D Place the THMC10 as close as practical to the remote diode. In a noisy environment, such as a computer
motherboard, this distance can be 4 inches to 8 inches (typical) or more, as long as the worst noise sources
(such as CRTs, clock generators, memory buses, and ISA/PCI buses) are avoided.
D Route the DXP–DXN lines away from the deflection coils of a CRT. Also, avoid routing the traces across
a fast memory bus which can easily introduce 30
°C error even with good filtering. Otherwise, most noise
sources are fairly benign.
D Route the DXP and DXN traces in parallel and in close proximity to each other, away from any high-voltage
traces such as 12 Vdc. Leakage currents from PC board contamination must be be taken into consideration,
since a 20-M
Ω leakage path from DXP to ground causes about 1°C error.
D Connect guard traces to GND on either side of the DXP–DXN traces (Figure 7). With guard traces in place,
routing near high-voltage traces is not an issue.
D Route through as few vias and crossunders as possible to minimize copper/solder thermocouple effects.
D When introducing a thermocouple, insure that both the DXP and the DXN paths have matching
thermocouples. In general, PC board induced thermocouples are not a serious problem. A copper-solder
thermocouple exhibits 3
µV/°C, and it takes about 200 µV of voltage error at DXP–DXN to cause a 1°C
measurement error. Hence, most parasitic thermocouple errors are swamped out.
D Use wide traces. Narrow traces are more inductive and tend to pick up radiated noise. The 10-mil widths
and spacings recommended in Figure 7 are not absolutely necessary as they offer only a minor
improvement in leakage and noise, but usage is recommended where practical.
D Copper can not be used as an EMI shield and only ferrous materials such as steel work well. Placing a
copper ground plane between the DXP–DXN traces and traces carrying high-frequency noise signals does
not help reduce EMI.
PC board layout checklist
D Place the THMC10 as close as possible to the remote diode.
D Keep traces away from high voltages (12 V bus).
D Keep traces away from fast data/memory buses and CRTs.
D Use recommended trace widths and spacings.
D Place a ground plane under the traces.
D Use guard traces flanking DXP and DXN and connecting to GND.
D Place the noise filter and the 0.1-µF VDD bypass capacitors close to the THMC10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com