Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC7225C Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC7225C
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7225C Datasheet(HTML) 4 Page - Texas Instruments

  TLC7225C Datasheet HTML 1Page - Texas Instruments TLC7225C Datasheet HTML 2Page - Texas Instruments TLC7225C Datasheet HTML 3Page - Texas Instruments TLC7225C Datasheet HTML 4Page - Texas Instruments TLC7225C Datasheet HTML 5Page - Texas Instruments TLC7225C Datasheet HTML 6Page - Texas Instruments TLC7225C Datasheet HTML 7Page - Texas Instruments TLC7225C Datasheet HTML 8Page - Texas Instruments TLC7225C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
11.4
16.5
V
Supply voltage, VSS
– 5.5
0
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Reference voltage, Vref
2
VDD – 4
V
Load resistance, RL
2
k
Ω
Operating free air temperature TA
C suffix
0
70
°C
Operating free-air temperature, TA
I suffix
– 25
85
°C
timing requirements (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tsu(AW)
Setup time, address valid before WR
↓
0
ns
tsu(DW)
Setup time, data valid before WR
↑
VDD = 11.4 V to 16.5 V, VSS = 0 or – 5 V
45
ns
th(AW)
Hold time, address valid after WR
↑
VDD = 11.4 V to 16.5 V, VSS = 0 or – 5 V
0
ns
th(DW)
Hold time, data valid after WR
↑
VDD = 11.4 V to 16.5 V, VSS = 0 or – 5 V
10
ns
tw1
Pulse duration, WR low
VDD = 11.4 V to 16.5 V, VSS = 0 or – 5 V
50
ns
tw2
Pulse duration, LDAC low
VDD = 11.4 V to 16.5 V, VSS = 0 or – 5 V
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com