Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC7225C Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC7225C
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7225C Datasheet(HTML) 3 Page - Texas Instruments

  TLC7225C Datasheet HTML 1Page - Texas Instruments TLC7225C Datasheet HTML 2Page - Texas Instruments TLC7225C Datasheet HTML 3Page - Texas Instruments TLC7225C Datasheet HTML 4Page - Texas Instruments TLC7225C Datasheet HTML 5Page - Texas Instruments TLC7225C Datasheet HTML 6Page - Texas Instruments TLC7225C Datasheet HTML 7Page - Texas Instruments TLC7225C Datasheet HTML 8Page - Texas Instruments TLC7225C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
6
Analog ground
A0, A1
18, 19
I
DAC select inputs
DGND
7
Digital ground
DB0 – DB7
9 – 16
I
Digital DAC data inputs
LDAC
8
Load DAC. A high level simultaneously loads all four DAC registers. DAC registers are transparent when LDAC
is low.
OUTA
2
O
DACA output
OUTB
1
O
DACB output
OUTC
24
O
DACC output
OUTD
23
O
DACD output
REFA
5
I
Voltage reference input to DACA
REFB
4
I
Voltage reference input to DACB
REFC
21
I
Voltage reference input to DACC
REFD
20
I
Voltage reference input to DACD
VDD
22
Positive supply voltage
VSS
3
Negative supply voltage
WR
17
I
Write input selects DAC transparency or latch mode
absolute maximum ratings over operating free-air temperature range (unless otherwise note)†
Supply voltage range, VDD: to AGND or DGND
– 0.3 V to 17 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
to VSS
– 0.3 V to 24 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VSS: to AGND or DGND
– 7 V to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range between AGND and DGND
– 0.3 V to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (to DGND)
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage range, Vref (to AGND)
– 0.3 V to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (to AGND) (see Note 1)
VSS to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) TA = 25°C (see Note 2)
500 mW
. . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: C suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I suffix
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Output voltages may be shorted to AGND provided that the power dissipation of the package is not exceeded. Typically short circuit
current to AGND is 50 mA.
2. For operation above TA = 75°C derate linearly at the rate of 2.0 mW/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com