Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC7225C Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC7225C
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7225C Datasheet(HTML) 2 Page - Texas Instruments

  TLC7225C Datasheet HTML 1Page - Texas Instruments TLC7225C Datasheet HTML 2Page - Texas Instruments TLC7225C Datasheet HTML 3Page - Texas Instruments TLC7225C Datasheet HTML 4Page - Texas Instruments TLC7225C Datasheet HTML 5Page - Texas Instruments TLC7225C Datasheet HTML 6Page - Texas Instruments TLC7225C Datasheet HTML 7Page - Texas Instruments TLC7225C Datasheet HTML 8Page - Texas Instruments TLC7225C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
(DW)
0
°C to 70°C
TLC7225CDW
– 25
°C to 85°C
TLC7225IDW
functional block diagram
_
+
DAC
A
Input
Latch
A
8
_
+
8
_
+
8
_
+
8
Control
Logic
8
REFA
DB0 – DB7
WR
A0
A1
OUTA
OUTB
OUTC
OUTD
REFB
REFC
REFD
Input
Latch
B
Input
Latch
C
Input
Latch
D
DAC
B
DAC
C
DAC
D
DAC
Latch
A
DAC
Latch
B
DAC
Latch
C
DAC
Latch
D
LDAC
5
4
9–16
21
20
8
17
19
18
2
1
24
23
schematic of outputs
Output
450
µA
VDD
VSS
EQUIVALENT ANALOG OUTPUT
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com