Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC7225C Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC7225C
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7225C Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC7225C Datasheet HTML 9Page - Texas Instruments TLC7225C Datasheet HTML 10Page - Texas Instruments TLC7225C Datasheet HTML 11Page - Texas Instruments TLC7225C Datasheet HTML 12Page - Texas Instruments TLC7225C Datasheet HTML 13Page - Texas Instruments TLC7225C Datasheet HTML 14Page - Texas Instruments TLC7225C Datasheet HTML 15Page - Texas Instruments TLC7225C Datasheet HTML 16Page - Texas Instruments TLC7225C Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
AGND bias for direct bipolar-output operation
The TLC7225 can be used in bipolar operation without adding additional external operational amplifiers by
biasing AGND to VSS as shown in Figure 9. This configuration provides an excellent method for providing a
direct bipolar output with no additional components. The transfer values are shown in Table 4.
_
+
DAC A
AGND
DGND
TLC7225†
REFA (Vref = 5 V)
OUTA
5
22
2
7
3
VDD = 10 to 15 V
6
VSS
† Digital inputs omitted for clarity.
– 5 V
Output range
(5 V to – 5 V)
Figure 9. AGND Bias for Direct Bipolar-Output Operation
LSB
MSB
DAC LATCH CONTENTS
ANALOG OUTPUT
) V
ref
127
128
1111
1111
) V
ref
1
128
1000
0001
1000
0000
–V
ref
128
128
+* V
ref
0111
1111
0000
0001
* V
ref
127
128
0000
0000
0 V
Table 4. Bipolar (Offset Binary) Code
* V
ref
1
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com