Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC7225C Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC7225C
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7225C Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC7225C Datasheet HTML 2Page - Texas Instruments TLC7225C Datasheet HTML 3Page - Texas Instruments TLC7225C Datasheet HTML 4Page - Texas Instruments TLC7225C Datasheet HTML 5Page - Texas Instruments TLC7225C Datasheet HTML 6Page - Texas Instruments TLC7225C Datasheet HTML 7Page - Texas Instruments TLC7225C Datasheet HTML 8Page - Texas Instruments TLC7225C Datasheet HTML 9Page - Texas Instruments TLC7225C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range
dual power supply over recommended supply and reference voltage ranges, AGND = DGND = 0 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Slew rate
2.5
V/
µs
t
Settling time to 1/2 LSB
Positive full scale
V f(ABCD) =10V
5
µs
ts
Settling time to 1/2 LSB
Negative full scale
Vref(A, B, C, D) = 10 V
7
µs
Resolution
8
Bits
Total unadjusted error
VDD = 15 V ± 5%,
Vref(A, B, C, D) = 10 V
±2
LSB
Integral nonlinearity (INL)
VDD = 15 V ± 5%,
Vref(A, B, C, D) = 10 V
±1
LSB
Differential nonlinearity (DNL)
VDD = 15 V ± 5%,
Vref(A, B, C, D) = 10 V
±1
LSB
EFS
Full-scale error
VDD = 15 V ± 5%,
Vref(A, B, C, D) = 10 V
±2
LSB
EG
Gain error
VDD = 15 V ± 5%,
Vref(A, B, C, D) = 10 V
±0.25
LSB
Temperature coefficient
Full-scale error
VDD =14Vto16 5 V
V f(ABCD) =10V
±20
ppm/
°C
of gain
Zero-code error
VDD = 14 V to 16.5 V, Vref(A, B, C, D) = 10 V
±50
µV/°C
Zero-code error
±20
±80
mV
Digital crosstalk or feedthrough glitch
impulse area
Vref(A, B, C, D) = 0
50
nV– s
single power supply, VDD = 14.25 V to 15.75 V, VSS = AGND = DGND = 0 V, Vref(A, B, C, D) = 10 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Slew rate
2
V/
µs
t
Settling time to 1/2 LSB
Positive full scale
5
µs
ts
Settling time to 1/2 LSB
Negative full scale
20
µs
Resolution
8
Bits
Total unadjusted error
±2
LSB
EFS
Full-scale error
±2
LSB
Temperature coefficient of gain
Full-scale error
VDD = 14 V to 16.5 V,
Vref(A, B, C, D) = 10 V
±20
ppm/
°C
g
Zero-code error
±50
µV/°C
Differential nonlinearity error (DNL)
±1
LSB
Digital crosstalk or feedthrough glitch impulse area
50
nV– s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com