Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC7225C Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC7225C
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7225C Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC7225C Datasheet HTML 4Page - Texas Instruments TLC7225C Datasheet HTML 5Page - Texas Instruments TLC7225C Datasheet HTML 6Page - Texas Instruments TLC7225C Datasheet HTML 7Page - Texas Instruments TLC7225C Datasheet HTML 8Page - Texas Instruments TLC7225C Datasheet HTML 9Page - Texas Instruments TLC7225C Datasheet HTML 10Page - Texas Instruments TLC7225C Datasheet HTML 11Page - Texas Instruments TLC7225C Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
specification ranges
For the TLC7225 to operate to rated specifications, the input reference voltage must be at least 4 V below the
power supply voltage at the VDD terminal. This voltage differential is the overhead voltage required by the output
amplifiers.
The TLC7225 is specified to operate over a VDD range from 12 V ± 5% to 15 V ± 10% (i.e., from 11.4 V to 16.5 V)
with a VSS of – 5 V ± 10%. Operation is also specified for a single supply with a VDD of 15 V ± 5%. Applying a
VSS of – 5 V results in improved zero-code error, improved output sink capability with outputs near AGND, and
improved negative-going settling time.
Performance is specified over the range of reference voltages from 2 V to (VDD – 4 V) with dual supplies. This
allows a range of standard refence generators to be used such as the TL1431, with an adjustable 2.5-V bandgap
reference. Note that an output voltage range of 0 V to 10 V requires a nominal 15 V
± 5% power supply voltage.
DAC section
The TLC7225 contains four, identical, 8-bit voltage-mode DACs. Each converter has a separate reference input.
The output voltages from the converters have the same polarity as the reference voltages, thus allowing single
supply operation.
The simplified circuit diagram for channel A is shown in Figure 4. Note that AGND (terminal 6) is common to
all four DACs.
2R
2R
R
R
R
_
+
OUTA
REFA
AGND
2R
2R
2R
DB0
DB5
DB6
DB7
Shown For All 1s On DAC
Figure 4. DAC Simplified-Circuit Diagram
The input impedance at any of the reference inputs is code dependent and can vary from 1.4 k
Ω minimum to
an open circuit. The lowest input impedance at any reference input occurs when that DAC is loaded with the
digital code 01010101. Therefore, it is important that the reference source presents a low output impedance
under changing load conditions. The nodal capacitance at the reference terminals is also code dependent and
typically varies from 60 pF to 300 pF.
Each OUTx terminal can be considered as a digitally programmable voltage source with an output voltage of:
VOUTx = Dx × VREFx
where Dx is the fractional representation of the digital input code and can vary from 0 to 255/256.
The output impedance is that of the output buffer amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com